Electronic Components Datasheet Search |
|
DRC3P48C420 Datasheet(PDF) 1 Page - Crydom Inc., |
|
DRC3P48C420 Datasheet(HTML) 1 Page - Crydom Inc., |
1 / 12 page DRC Series • 7.6 Amp AC Semiconductor Motor Controller • Load voltage range up to 600 VAC • Fits standard 35mm DIN Rail • LED input status indicator • AC or DC control • Zero Voltage (resistive loads) or instantaneous (inductive loads) turn-on output • C-UL-US Listed, CCC Certified, IEC Rated, CE & RoHS Compliant, Horsepower Rated • Built-in Overvoltage Protection • Ultra-efficient thermal management design (Patented) Start / Stop Reversing Solicon DRC3 Series are Solid State Contactors intended for frequently switching on and off three phase loads up to 5 HP, 600 VAC 7.6 Amps. They are available in both contactor versions DRC3P and reversing contactor versions DRC3R. The Solicon Contactor DRC3P is available in either instantaneous turn-on (for Motor Control) or zero voltage turn-on (for Resistive Loads). It is available in either 2 or 3 controlled leg versions. The 2 legs control version is particularly suitable for motor control circuits where the neutral conductor is not utilized. The Solicon Reversing Contactor DRC3R includes an interlock control that allows only off, forward and reverse operation in a safe mode while providing high space saving; it switches instantaneously upon application of the control voltage unless an instantaneous change of direction is commanded, then it will delay the direction change by 100msec in order to prevent simultaneous forward and reverse operations. All the models of Solicon DRC3 Series combine the benefits and advantages of a solid state contactor with the functionality and simplicity of use of an electromechanical contactor thanks to the proprietary thermal management technology (Patented) and complete electrical insulation (no grounding required); the embedded auxiliary contacts, normally open and/or normally closed, are intended to be used at 18-280VAC. Five different control voltages are available in order to cover most applications. All models include overvoltage protection. PRODUCT SELECTION Control Voltage Without Auxiliary Contact 1 NO+NC Auxiliary Conctat 2 NO Auxiliary Contact 230 VAC DRC3P48A400, DRC3R48A400 DRC3P48A411 120 VAC DRC3P48B400, DRC3R48B400 DRC3P48B411 48 VAC/DC DRC3P48C400, DRC3R48C400 DRC3P48C411 DRC3P48A420, DRC3R48A420 DRC3P48B420, DRC3R48B420 DRC3P48C420, DRC3R48C420 AVAILABLE OPTIONS Required for valid part number For options only and not required for valid part number DRC Series Operating Voltage 40: 400 VAC (3R function only) 48: 480 VAC 60: 600 VAC (3P function only) Control Voltage A: 208-265 VAC B: 90-140 VAC C: 36-55 VAC/DC D: 18-30 VAC/DC (3P function only) 18-30 VAC (3R function only) E: 18-30 VDC (3R function only) Function 3P: Contactor 3R: Reversing Contactor 48 D 3P Load Current per Phase 4: 7.6 Amp FLA (x2 Controlled Legs & 3R function); 4.8 Amp FLA (x3 Controlled Legs only) 4 Auxiliary Contacts, N.O. - N.C. 00: Not included 11: 1 Solid State Auxiliary Contact, Normally Open; 1 Solid State Auxiliary Contact, Normally Closed (3P function only) 20: 2 Solid State Auxiliary Contacts, Normally Open 00 Switching Mode (3P function only) Blank: Zero Voltage Turn-On R: Instantaneous Turn-On Controlled Legs (3P function only) Blank: 3 Controlled Legs 2: 2 Controlled Legs R 2 24 VAC/DC, 24 VAC DRC3P48D400, DRC3R48D400 DRC3P48D411 DRC3P48D420, DRC3R48D420 24 VDC DRC3R48E400 DRC3R48E420 Do not forget to visit us at: www.crydom.com Copyright © 2017 Crydom Inc. Specifications subject to change without notice. Datasheet DIN Rail Mount FDE-07-01 REV. A |
Similar Part No. - DRC3P48C420 |
|
Similar Description - DRC3P48C420 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |