Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R48B400 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRC3R48B400
Description  DIN Rail Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R48B400 Datasheet(HTML) 1 Page - Crydom Inc.,

  DRC3R48B400 Datasheet HTML 1Page - Crydom Inc., DRC3R48B400 Datasheet HTML 2Page - Crydom Inc., DRC3R48B400 Datasheet HTML 3Page - Crydom Inc., DRC3R48B400 Datasheet HTML 4Page - Crydom Inc., DRC3R48B400 Datasheet HTML 5Page - Crydom Inc., DRC3R48B400 Datasheet HTML 6Page - Crydom Inc., DRC3R48B400 Datasheet HTML 7Page - Crydom Inc., DRC3R48B400 Datasheet HTML 8Page - Crydom Inc., DRC3R48B400 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DRC Series
7.6 Amp AC Semiconductor Motor Controller
Load voltage range up to 600 VAC
Fits standard 35mm DIN Rail
LED input status indicator
AC or DC control
Zero Voltage (resistive loads) or instantaneous (inductive loads) turn-on output
C-UL-US Listed, CCC Certified, IEC Rated, CE & RoHS Compliant, Horsepower Rated
Built-in Overvoltage Protection
Ultra-efficient thermal management design (Patented)
Start / Stop
Reversing
Solicon DRC3 Series are Solid State Contactors intended for
frequently switching on and off three phase loads up to 5 HP, 600
VAC 7.6 Amps. They are available in both contactor versions
DRC3P and reversing contactor versions DRC3R.
The Solicon Contactor DRC3P is available in either instantaneous
turn-on (for Motor Control) or zero voltage turn-on (for Resistive
Loads). It is available in either 2 or 3 controlled leg versions. The
2 legs control version is particularly suitable for motor control
circuits where the neutral conductor is not utilized.
The Solicon Reversing Contactor DRC3R includes an interlock
control that allows only off, forward and reverse operation in a
safe mode while providing high space saving; it switches
instantaneously upon application of the control voltage unless an
instantaneous change of direction is commanded, then it will
delay the direction change by 100msec in order to prevent
simultaneous forward and reverse operations.
All the models of Solicon DRC3 Series combine the benefits and
advantages of a solid state contactor with the functionality and
simplicity of use of an electromechanical contactor thanks to the
proprietary thermal management technology (Patented) and
complete electrical insulation (no grounding required); the
embedded auxiliary contacts, normally open and/or normally
closed, are intended to be used at 18-280VAC. Five different
control voltages are available in order to cover most applications.
All models include overvoltage protection.
PRODUCT SELECTION
Control Voltage
Without Auxiliary Contact
1 NO+NC Auxiliary Conctat
2 NO Auxiliary Contact
230 VAC
DRC3P48A400, DRC3R48A400
DRC3P48A411
120 VAC
DRC3P48B400, DRC3R48B400
DRC3P48B411
48 VAC/DC
DRC3P48C400, DRC3R48C400
DRC3P48C411
DRC3P48A420, DRC3R48A420
DRC3P48B420, DRC3R48B420
DRC3P48C420, DRC3R48C420
AVAILABLE OPTIONS
Required for valid part number
For options only and not required for valid part number
DRC
Series
Operating Voltage
40: 400 VAC
(3R function only)
48: 480 VAC
60: 600 VAC
(3P function only)
Control Voltage
A: 208-265 VAC
B: 90-140 VAC
C: 36-55 VAC/DC
D: 18-30 VAC/DC
(3P function only)
18-30 VAC
(3R function only)
E: 18-30 VDC
(3R function only)
Function
3P: Contactor
3R: Reversing Contactor
48
D
3P
Load Current per Phase
4: 7.6 Amp FLA
(x2 Controlled Legs
& 3R function);
4.8 Amp FLA
(x3 Controlled Legs only)
4
Auxiliary Contacts,
N.O. - N.C.
00: Not included
11: 1 Solid State Auxiliary
Contact, Normally Open;
1 Solid State Auxiliary
Contact, Normally Closed
(3P function only)
20: 2 Solid State Auxiliary
Contacts, Normally Open
00
Switching Mode
(3P function only)
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
Controlled Legs
(3P function only)
Blank: 3 Controlled Legs
2: 2 Controlled Legs
R
2
24 VAC/DC, 24 VAC
DRC3P48D400, DRC3R48D400
DRC3P48D411
DRC3P48D420, DRC3R48D420
24 VDC
DRC3R48E400
DRC3R48E420
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
FDE-07-01 REV. A


Similar Part No. - DRC3R48B400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48B400 CRYDOM-DRC3R48B400 Datasheet
1Mb / 12P
   DRC Series
DRC3R48B400R2 CRYDOM-DRC3R48B400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3R48B400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com