Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48C400 Datasheet(PDF) 9 Page - Crydom Inc.,

Part # DRC3P48C400
Description  DIN Rail Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48C400 Datasheet(HTML) 9 Page - Crydom Inc.,

Back Button DRC3P48C400 Datasheet HTML 4Page - Crydom Inc., DRC3P48C400 Datasheet HTML 5Page - Crydom Inc., DRC3P48C400 Datasheet HTML 6Page - Crydom Inc., DRC3P48C400 Datasheet HTML 7Page - Crydom Inc., DRC3P48C400 Datasheet HTML 8Page - Crydom Inc., DRC3P48C400 Datasheet HTML 9Page - Crydom Inc., DRC3P48C400 Datasheet HTML 10Page - Crydom Inc., DRC3P48C400 Datasheet HTML 11Page - Crydom Inc., DRC3P48C400 Datasheet HTML 12Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ACCESSORIES FOR ALL DEVICES
Recommended Accessories
Motor Nominal
Current
Thermal Magnetic Circuit
Breaker (Push Button)
Thermal Magnetic Circuit
Breaker (Selector)
0.40 - 0.63 A
0.63 - 1 A
1 - 1.6 A
1.6 - 2.5 A
2.5 - 4 A
4 - 6.3 A
6.3 - 10 A
Fully compatible with
Schneider Electric
thermal overload
relays &
thermal magnetic
circuit breakers
LRD04
LRD05
LRD06
LRD07
LRD08
LRD10
LRD14
GV2ME04
GV2ME05
GV2ME06
GV2ME07
GV2ME08
GV2ME10
GV2ME14
GV2P04
GV2P05
GV2P06
GV2P07
GV2P08
GV2P10
GV2P14
LR97 D015xx
LR97 D015xx
LR97 D07xx
LR97 D07xx
LR97 D07xx
LR97 D25xx
LR97 D25xx
Bimetal
Overload Relay
Electronic
Overload Relay
ID Marker Strips
CNLB, CNLN, CNL2
Packages of 10 plastic strips comprising 10
individual markers which can be placed for easy
identification during the use of multiple units.
Blank Strips
Part no.: CNLB
Numbered 1 to 10 Strips
Part no.: CNLN
Numbered 11 to 20 Strips
Part no.: CNL2
Note: All the Schneider Electric Thermal magnetic circuit breakers GV2 family (GV2ME and GV2P) is fully mechanical compatible with the DRC contactor using the GV2AF3 connection block.
All the Schneider Electric Overload relay LRD family is fully mechanical compatible with the DRC contactor without the need of any adapter.
The DRC Series can accept the LAD7C1 module (pre-wiring kit allowing direct connection of the NC contact of relay LRD to the contactor)
When the LAD7C1 module is used, the common terminal for the control input is not anymore the ”A2” terminal of DRC but it is the “96” terminal of the overload relay.
Do not forget to visit us at: www.crydom.com
Copyright © 20167 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48C400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48C400 CRYDOM-DRC3P48C400 Datasheet
1Mb / 12P
   DRC Series
DRC3P48C400R2 CRYDOM-DRC3P48C400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48C400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com