Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA-CN024D05 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRA-CN024D05
Description  DIN Rail Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA-CN024D05 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRA-CN024D05 Datasheet HTML 1Page - Crydom Inc., DRA-CN024D05 Datasheet HTML 2Page - Crydom Inc., DRA-CN024D05 Datasheet HTML 3Page - Crydom Inc., DRA-CN024D05 Datasheet HTML 4Page - Crydom Inc., DRA-CN024D05 Datasheet HTML 5Page - Crydom Inc., DRA-CN024D05 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
INPUT SPECIFICATIONS for CN048 (1)
INPUT SPECIFICATIONS for CN240
GENERAL SPECIFICATIONS
(1)
DRA-CN048D05
Description
Control Voltage Range
3-12 VDC
Must Turn On Voltage
3.0 VDC
Must Turn Off Voltage
1.0 VDC
5 VDC
Nominal Input Impedance
833 Ohm
Typical Input Current
6 mA @ 5.0 VDC
Typical Turn-On Time
20 s
Typical Turn-Off Time
130 s
DRA-CN048D24
15-30 VDC
15 VDC
3.43K Ohm
7 mA @ 24 VDC
20 s
130 s
DRA-CN240A05
Description
Control Voltage Range
3-12 VDC
Must Turn On Voltage
3.0 VDC
Must Turn Off Voltage
1.0 VDC
5 VDC
Nominal Input Impedance
333 Ohm
Typical Input Current
15 mA @ 5.0 VDC
Typical Turn-On Time
1/2 Cycle
Typical Turn-Off Time
1/2 Cycle
DRA-CN240A24
15-30 VDC
15 VDC
3.43K Ohm
7 mA @ 24 VDC
1/2 Cycle
1/2 Cycle
(1)
All parameters at 25°C unless otherwise specified.
(2)
See derate curves for more information
(3)
Operating frequency above 500Hz will damage the SSR (DC output only).
(4)
Turn-on time for random turn-on version is 0.1msec
(5)
3.75KV for CN048Dxx
Parameters
Description
Dielectric Strength, Input/Output (50/60Hz) (5)
2.5 KV
Maximum Capacitance, Input/Output
1.5 pF
Ambient Operating Temperature Range
-25 to 60°C
Ambient Storage Temperature Range
Weight (typical)
-40 to 80°C
Housing Material
0.067 lb (31g)
Overvoltage Category
UL 94 V0
Polution Degree
III
Degree of protection (SSR Encapsulation)
2
Max. Torque (output screws)
IP67
Max. Wire Size (load side)
5-7 in lb (0.56-0.8 Nm)
24-14 AWG Solid or Stranded
GENERAL NOTES


Similar Part No. - DRA-CN024D05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA-CN024D05 CRYDOM-DRA-CN024D05 Datasheet
943Kb / 6P
   6.2mm Din-Rail Mount (35 mm) SSR Assembly
More results

Similar Description - DRA-CN024D05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com