Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSQA6V8AW5T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSQA6V8AW5T2
Description  Low Capacitance Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSQA6V8AW5T2 Datasheet(HTML) 2 Page - ON Semiconductor

  NSQA6V8AW5T2 Datasheet HTML 1Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 2Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 3Page - ON Semiconductor NSQA6V8AW5T2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSQA6V8AW5T2 Series
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Power Dissipation
8
20
msec Double Exponential Waveform (Note 1)
PPK
20
W
Steady State Power − 1 Diode (Note 2)
PD
380
mW
Thermal Resistance −
Junction−to−Ambient
Above 25
°C, Derate
RqJA
327
3.05
°C/W
mW/
°C
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum 10 Seconds Duration
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Non−repetitive current pulse per Figure 1.
2. Only 1 diode under power. For all 4 diodes under power, PD will be 25%. Mounted on FR4 board with min pad.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
NSQA6V8AW5T2
Characteristic
Symbol
Min
Typ
Max
Unit
Breakdown Voltage (IT = 1 mA) (Note 3)
VBR
6.4
6.8
7.1
V
Leakage Current (VRWM = 5.0 V)
IR
1.0
mA
Clamping Voltage 1 (IPP = 1.6 A, 8
20
msec Waveform)
VC
13
V
Maximum Peak Pulse Current (8
20
msec Waveform)
IPP
1.6
A
Junction Capacitance − (VR = 0 V, f = 1 MHz)
− (VR = 3.0 V, f = 1 MHz)
CJ
12
6.7
15
9.5
pF
NSQA12VAW5T2
Breakdown Voltage (IT = 5 mA) (Note 3)
VBR
11.4
12.0
12.7
V
Leakage Current (VRWM = 9.0 V)
IR
0.05
mA
Zener Impedence (IT = 5 mA)
ZZ
30
W
Clamping Voltage 1 (IPP = 0.9 A, 8
20
msec Waveform)
VC
23
V
Maximum Peak Pulse Current (8
20
msec Waveform)
IPP
0.9
A
Junction Capacitance − (VR = 0 V, f = 1 MHz)
CJ
15
pF
3. VBR is measured at pulse test current IT.


Similar Part No. - NSQA6V8AW5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Shanghai Leiditech Elec...
NSQA6V8AW5T2 LEIDITECH-NSQA6V8AW5T2 Datasheet
826Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
ON Semiconductor
NSQA6V8AW5T2G ONSEMI-NSQA6V8AW5T2G Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
NSQA6V8AW5T2G ONSEMI-NSQA6V8AW5T2G Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
More results

Similar Description - NSQA6V8AW5T2

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
ESDA6V1W5 AITSEMI-ESDA6V1W5 Datasheet
546Kb / 7P
   LOW CAPACITANCE QUAD ARRAY FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
NUP412VP5 ONSEMI-NUP412VP5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array for ESD Protection
May, 2008 ??Rev. 1
NUP46V8P5 ONSEMI-NUP46V8P5 Datasheet
72Kb / 4P
   Low Capacitance Quad Array for ESD Protection
January, 2008 - Rev. 0
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
logo
Weitron Technology
ESDA6V8AW5 WEITRON-ESDA6V8AW5 Datasheet
205Kb / 3P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
51Kb / 4P
   Low Capacitance Quad Array for ESD Protection
October, 2006 ??Rev. P5
NUP4108W5 ONSEMI-NUP4108W5_07 Datasheet
120Kb / 4P
   Low Capacitance Quad Array for ESD Protection
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com