Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVEZ226M25D16T-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AVEZ226M25D16T-F
Description  Low Impedance SMT Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVEZ226M25D16T-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AVEZ226M25D16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVEZ226M25D16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVEZ226M25D16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVEZ226M25D16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AVEZ226M25D16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type AVEZ –55 °C to +105 °C
Low Impedance SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Recommended Land Patterns by case size for AVEZ series
C
B
B
A
Recommended Soldering Methods
Recommended Reflow Soldering Profile:
Parts should be subjected to just one reflow soldering process.
Soldering with a solder iron should be performed with a maximum soldering iron tip
temperature of 350±5°C for 3 to 4 seconds.
Case
Code Case Size
Land Dimensions (mm)
C
B
A
B
4x5.3
1.6
2.6
1
C
5x5.3
1.6
3
1.4
D
6.3x5.3
1.6
3.5
1.9
X
6.3x7.7
1.6
3.5
1.9


Similar Part No. - AVEZ226M25D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ226M25D16T-F CDE-AVEZ226M25D16T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
More results

Similar Description - AVEZ226M25D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
   Low Impedance SMT Aluminum Electrolytic Capacitors
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com