Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8509PDW26 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8509PDW26
Description  Sequenced Linear Dual-Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509PDW26 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8509PDW26 Datasheet HTML 1Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 2Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 3Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 4Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 5Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 6Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 7Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 8Page - ON Semiconductor NCV8509PDW26 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8509 Series
http://onsemi.com
4
PIN DESCRIPTION
Pin No.
Symbol
Description
1
SLEW
Control for output rise time during power up. Requires capacitor to ground.
2
Delay
Timing capacitor for RESET function.
3
GND
Ground.
4, 5, 7−9, 11, 14, 16
NC
No connection.
6
RESET
Active reset (accurate to VOUT > 1.0 V).
10
VOUT2
100 mA output (
±2% output voltage) for powering microprocessor core.
12
VIN2
Input voltage for VOUT2.
13
VIN1
Input voltage for VOUT1, and internal circuitry.
15
VOUT1
100 mA output (
±2% output voltage) for powering microprocessor I/O.
VOUT1
VIN1
+
+
+
VIN1
VIN2
CIN2
CIN1
Power Shunt
Bandgap
& Bias
GND
RESET
VOUT1
RESET Comp
VBG
VREF
CDelay
Delay
Delay
Discharge
Latch
SLEW
CSLEW
VREF
VOUT1
COUT1
VBG
VREF
VIN1
Error Amp
Thermal
Shutdown
+
+
+
Error Amp
VOUT2
COUT2
VIN2
VREF
Start−Up
Current
Figure 2. Block Diagram
SLEW
Control
REX
VREF
Start−Up
Current


Similar Part No. - NCV8509PDW26

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509PDW26 ONSEMI-NCV8509PDW26 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW26G ONSEMI-NCV8509PDW26G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW26G ONSEMI-NCV8509PDW26G Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509PDW26R2 ONSEMI-NCV8509PDW26R2 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW26R2G ONSEMI-NCV8509PDW26R2G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
More results

Similar Description - NCV8509PDW26

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com