Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE461M02 Datasheet(PDF) 3 Page - NEC

Part # NE461M02
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE461M02 Datasheet(HTML) 3 Page - NEC

  NE461M02 Datasheet HTML 1Page - NEC NE461M02 Datasheet HTML 2Page - NEC NE461M02 Datasheet HTML 3Page - NEC NE461M02 Datasheet HTML 4Page - NEC NE461M02 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NE461M02
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Collector Current, Ic (mA)
Frequency, f (GHz)
Collector Current, Ic (mA)
Collector Current, IC (mA)
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
INSERTION POWER GAIN and MAXIMUM
AVAILABLE GAIN vs. FREQUENCY
3RD ORDER INTERMODULATION DISTORTION
2ND ORDER INTERMODULATION DISTORTION (+) &
2ND ORDER INTERMODULATION DISTORTION (-) vs.
COLLECTOR CURRENT
NOISE FIGURE vs.
COLLECTOR CURRENT
10
5
0
10
30
50
70
100
VCE = 10 V
f = 1 GHz
20
10
0
0.2
0.4
0.6 0.8 1.0
1.4
2.0
VCE = 10 V
IC = 50 MA
|S21E|
2
MAG
7
6
5
4
3
2
1
0
5
10
20
50
100
VCE = 10 V
f = 1 GHz
80
70
60
50
40
30
10
50
100
300
IM3
IM2+
IM2-
IM3: Vo = 110 dB
µV/75 Ω 2 tone each
f = 2 x 190 MHz - 200 Mhz
IM2+: Vo = 105 dB
µV/75 Ω 2 tone each
f = 90 MHz + 100 MHz
IM2-: Vo 105 dB
µV/75 Ω 2 tone each
f = 190 MHz - 90 MHz
VCE=10 V


Similar Part No. - NE461M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE46100 CEL-NE46100 Datasheet
284Kb / 11P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
NEC
NE46134 NEC-NE46134 Datasheet
137Kb / 10P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE46134 CEL-NE46134 Datasheet
284Kb / 11P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
NEC
NE46134-T1 NEC-NE46134-T1 Datasheet
137Kb / 10P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results

Similar Description - NE461M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com