Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7510 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7510
Description  FlexMOS Programmable Peak and Hold PWM MOSFET Predriver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7510 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7510 Datasheet HTML 1Page - ON Semiconductor NCV7510 Datasheet HTML 2Page - ON Semiconductor NCV7510 Datasheet HTML 3Page - ON Semiconductor NCV7510 Datasheet HTML 4Page - ON Semiconductor NCV7510 Datasheet HTML 5Page - ON Semiconductor NCV7510 Datasheet HTML 6Page - ON Semiconductor NCV7510 Datasheet HTML 7Page - ON Semiconductor NCV7510 Datasheet HTML 8Page - ON Semiconductor NCV7510 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCV7510
http://onsemi.com
5
Pin Function Descriptions
ENA: CMOS input with hysteresis logically ANDed with
the CONTROL input to command the predriver outputs.
This input has an active pulldown current source.
CONTROL: CMOS input with hysteresis logically ANDed
with the ENA input to command the predriver outputs. This
input has an active pulldown current source.
PCLK: Buffered CMOS input with hysteresis. This input
controls which DAC register pair is selected for load current
comparison. The input is programmed via Auxiliary register
($01) bit D3 to respond to a clock signal (AUX D3=0 default
at POR) or a logic level (AUX D3=1.) The pin presents a
12 pF maximum load to the controller.
CSB:
CMOS input with hysteresis. This input is the
active−low chip select input that enables serial data transfer
between the host controller and the device. This input has an
active pullup current source.
SCLK: Buffered CMOS input with hysteresis. This input
is the synchronizing clock input for serial data transfer
between the micro controller and the device. The pin
presents a 12 pF maximum load to the controller.
SI: Buffered CMOS input with hysteresis. This pin is the
data input to the device’s SPI shift register. Serial data
received at this input is transferred from the host controller
to the shift register under the control of the CSB and SCLK
inputs. The pin presents a 12 pF maximum load to the
controller. This input has an active pulldown current source.
SO: The CMOS compatible line driver at this pin is the data
output from the device’s SPI shift register. Serial data
transmitted at this output is transferred from the shift register
to the host controller under the control of the CSB and SCLK
inputs. The pin is capable of driving 200 pF at 4 MHz and
is HI−Z when the CSB input is high.
LOOP: The CMOS compatible driver at this pin reflects the
state of the control loop. A logic low indicates that load
current is less than the programmed DAC reference.
FAULT: An open−drain low voltage NMOS output at this
pin provides immediate fault indication to a connected host
controller. An external resistor is normally connected
between this pin and VDD.
DGND: Device substrate voltage and VDD return path for
mixed signal functions. This pin is the circuit common
reference point.
OCP: This analog comparator input supplies a reference
voltage to the device’s overcurrent fault detection. When the
voltage at this pin is less than 4.5 V, the applied voltage is the
overcurrent reference voltage. When the voltage is greater
than 4.5 V, an internal 3.0 V overcurrent reference is used.
The voltage at this pin must not exceed VDD. Applying
approximately VDD + 1.4 V will place the NCV7510 in test
mode and suspend normal operation. The user is advised to
avoid activating the test mode.
VDD: +5.0 Vpower supply input. The voltage at this pin
initiates power−on reset, supplies power to internal
mixed−signal functions and supplies gate charge to the
external CLAMP MOSFET. A low ESR external bulk
capacitor
connected
between
VDD and PGND is
recommended to supply transient gate charge. Several
internal reference voltages are derived from VDD.
SNS−: The inverting input to the analog current sense
amplifier. This input should be Kelvin connected directly to
the external current sense resistor’s negative terminal.
SNS+: The noninverting input to the analog current sense
amplifier. This input should be Kelvin connected directly to
the external current sense resistor’s positive terminal.
PGND: Return path for the GATE and CLAMP predriver
transient currents and the lower input to the CLAMP
antisaturation detection comparator. This pin should be
star−connected to the CLAMP MOSFET’s source and the
external VDD bulk charge capacitor’s negative terminal.
CLAMP: External CLAMP MOSFET predrive output.
This output switches the CLAMP MOSFET’s gate between
VDD and PGND.
SRC: Lower input to the GATE antisaturation detection
comparator and upper input to the CLAMP antisaturation
detector.
GATE: External HS MOSFET predrive output. This output
switches the HS MOSFET’s gate between VB and PGND.
DRN: Upper input to the GATE antisaturation detection
comparator, overvoltage detection input, and powerup
interlock input. This pin should be connected directly to the
HS MOSFET’s drain terminal.
VB: Bootstrap or boost input voltage. This input supplies
gate charge to the external HS MOSFET.


Similar Part No. - NCV7510

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7512FTG ONSEMI-NCV7512FTG Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7512FTR2G ONSEMI-NCV7512FTR2G Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7513 ONSEMI-NCV7513 Datasheet
245Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
April, 2006 ??Rev. 0
NCV7513 ONSEMI-NCV7513 Datasheet
246Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
January, 2007 ??Rev. 1
More results

Similar Description - NCV7510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH300 ETC-PH300 Datasheet
66Kb / 4P
   PEAK HOLD DETECTOR
logo
Analog Devices
PKD01 AD-PKD01 Datasheet
402Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01FPZ AD-PKD01FPZ Datasheet
398Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01 AD-PKD01_15 Datasheet
403Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com