Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AHA
Description  Long Life Filtering, Bypassing, Power Supply Decoupling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AHA_17 Datasheet HTML 1Page - Cornell Dubilier Electronics AHA_17 Datasheet HTML 2Page - Cornell Dubilier Electronics AHA_17 Datasheet HTML 3Page - Cornell Dubilier Electronics AHA_17 Datasheet HTML 4Page - Cornell Dubilier Electronics AHA_17 Datasheet HTML 5Page - Cornell Dubilier Electronics AHA_17 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type AHA
SMT Aluminum Electrolytic Capacitors -55 °C to +105 °C - Long Life
Typical Performance Curves
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
1,000,000
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
100
1,000
10,000
100,000
1,000,000
65
°C
25
°C
85
°C
0
°C
105
°C
–40
°C
45
°
–20
°C
–55
°C
Capacitance vs. Temperature & Frequency
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
ESR vs. Temperature and Frequency
Impedance vs. Temperature and Frequency
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
100
1,000
10,000
100,000
1,000,000
65
°C
25
°C
85
°C
0
°C
105
°C
–40
°C
45
°
–20
°C
–55
°C
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
Capacitance vs. Temperature & Frequency
ESR vs. Temperature and Frequency
Impedance vs. Temperature and Frequency
470 µF @ 16 Vdc (10 X 10.2 mm)
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
1500 µF @ 6.3 Vdc (10 X 10.2 mm)
470 µF @ 16 Vdc (10 X 10.2 mm)
470 µF @ 16 Vdc (10 X 10.2 mm)


Similar Part No. - AHA_17

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA104M50B12T-F CDE-AHA104M50B12T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA105M50B12T-F CDE-AHA105M50B12T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA106M16B12T CDE-AHA106M16B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
AHA106M16B12T-F CDE-AHA106M16B12T-F Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA106M25B12T CDE-AHA106M25B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
More results

Similar Description - AHA_17

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA CDE-AHA Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com