Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401C552M200EF8 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 401C552M200EF8
Description  The Ultimate in Cold Performance and ESR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C552M200EF8 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  401C552M200EF8 Datasheet HTML 1Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 2Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 3Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 4Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 5Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 6Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 7Page - Cornell Dubilier Electronics 401C552M200EF8 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Notice and Disclaimer: All product drawings, descriptions, specifications, statements, information and
data (collectively, the “Information”) in this datasheet or other publication are subject to change. The
customer is responsible for checking, confirming and verifying the extent to which the Information con-
tained in this datasheet or other publication is applicable to an order at the time the order is placed. All
Information given herein is believed to be accurate and reliable, but it is presented without any guaran-
tee, warranty, representation or responsibility of any kind, expressed or implied. Statements of suitability
for certain applications are based on the knowledge that the Cornell Dubilier company providing such
statements (“Cornell Dubilier”) has of operating conditions that such Cornell Dubilier company regards
as typical for such applications, but are not intended to constitute any guarantee, warranty or representa-
tion regarding any such matter – and Cornell Dubilier specifically and expressly disclaims any guarantee,
warranty or representation concerning the suitability for a specific customer application, use, storage,
transportation, or operating environment. The Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by Cornell Dubilier with reference
to the use of any Cornell Dubilier products is given gratis (unless otherwise specified by Cornell Dubilier),
and Cornell Dubilier assumes no obligation or liability for the advice given or results obtained. Although
Cornell Dubilier strives to apply the most stringent quality and safety standards regarding the design
and manufacturing of its products, in light of the current state of the art, isolated component failures may
still occur. Accordingly, customer applications which require a high degree of reliability or safety should
employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies
or other appropriate protective measures) in order to ensure that the failure of an electrical component
does not result in a risk of personal injury or property damage. Although all product-related warnings,
cautions and notes must be observed, the customer should not assume that all safety measures are indi-
cated in such warnings, cautions and notes, or that other safety measures may not be required.


Similar Part No. - 401C552M200EF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C503M010AA8 CDE-401C503M010AA8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C503M020AB8 CDE-401C503M020AB8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C503M040AF8 CDE-401C503M040AF8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C503M040BB8 CDE-401C503M040BB8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C503M063BD8 CDE-401C503M063BD8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
More results

Similar Description - 401C552M200EF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
   MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
Cornell Dubilier Electr...
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Fujitsu Component Limit...
MB91F465X FUJITSU-MB91F465X Datasheet
474Kb / 2P
   The Ultimate Automotive Network
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com