Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401C332M200AF8 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 401C332M200AF8
Description  The Ultimate in Cold Performance and ESR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C332M200AF8 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  401C332M200AF8 Datasheet HTML 1Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 2Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 3Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 4Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 5Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 6Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 7Page - Cornell Dubilier Electronics 401C332M200AF8 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Outline Drawings
Case Dimensions
Part Numbering System
401C
Type
Terminal
8
Insulation
AK
Case Code
100
Voltage
M
Tolerance
393
Capacitance
(blank) = Straight
Leads
0 = Bare can
8 = PVC and
Standoffs
9 = Polyester and
Standoffs
100 = 100 V
450 = 100 V
M = ±20%
T = –10% +50%
U = –10% +75%
242 = 2400 µF
221 = 220 µF
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.63
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40


Similar Part No. - 401C332M200AF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C333M016AA8 CDE-401C333M016AA8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C333M020AH8 CDE-401C333M020AH8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C333M075EF8 CDE-401C333M075EF8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C334M010BD8 CDE-401C334M010BD8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
More results

Similar Description - 401C332M200AF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
   MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
Cornell Dubilier Electr...
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Fujitsu Component Limit...
MB91F465X FUJITSU-MB91F465X Datasheet
474Kb / 2P
   The Ultimate Automotive Network
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com