Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401C203M100BF8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 401C203M100BF8
Description  The Ultimate in Cold Performance and ESR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C203M100BF8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  401C203M100BF8 Datasheet HTML 1Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 2Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 3Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 4Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 5Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 6Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 7Page - Cornell Dubilier Electronics 401C203M100BF8 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
2,000 h at 85 °C per EIA IS-749 with 85 ºC ripple current
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
4,000 h at 105ºC with rated voltage
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
500 h at +105 °C, capacitance, ESR and DCL, will meet initial
requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
The Type 401C is the wide-temperature, low-voltage
version of the Type 450C. It is ideal for high-ripple
current military and industrial applications that need
full performance at cold temperatures. It also excels
as a power-supply output capacitor because of its
exceptionally low ESR. The extended cathode foil of
the 401C assures cool operation and heat flow from
the capacitor element to the can in all mounting
orientations.
Highlights
• Better value than large snap-in capacitors
• Ripple Currents to >50 amps at 55 °C
• ESRs to 3.5 m
Ω
• > 90% capacitance at –40 °C
• Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
The Ultimate in Cold Performance and ESR
Frequency
–55 °C to 105 °C
6.3 to 250 Vdc
380 µF to 570,000 µF ± 20%
≤ 1.5 √CV µA, 4 mA max, 5 minutes
–55 °C multiple of 25 °C Z ≤ 3
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 ºC
95 ºC
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
6.3 to 50 V
0.85
0.90
1.00
1.05
1.10
1.10
1.10
63 to 250 V 0.50
0.53
1.00
1.15
1.15
1.20
1.20
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 401C203M100BF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C203M016AK8 CDE-401C203M016AK8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
401C203M040EA8 CDE-401C203M040EA8 Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
More results

Similar Description - 401C203M100BF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
   MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
Cornell Dubilier Electr...
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Fujitsu Component Limit...
MB91F465X FUJITSU-MB91F465X Datasheet
474Kb / 2P
   The Ultimate Automotive Network
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com