Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX6001 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part No. TX6001
Description  RFM products are now Murata products
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

TX6001 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
TX6001 (R) 10/20/14
Page 2 of 6
www.murata.com
1.
Do not allow the voltage applied to a control input pin to exceed Vcc + 200 mV.
2.
The companion receiver to the TX6001 is the RX6001. Please see Murata’s web site at www.murataamericas.com for details.
Transmitter Set-Up, 3.0 Vdc, -40 to +85 °C
Item
Symbol
OOK
ASK
ASK
Units
Notes
Nominal NRZ Data Rate
DRNOM
2.4
19.2
115.2
kbps
see page 1
Minimum Signal Pulse
SPMIN
416.67
52.08
8.68
µs
single bit
Maximum Signal Pulse
SPMAX
1666.68
208.32
34.72
µs
4 bits of same value
TXMOD Resistor
RTXM
4.7
4.7
4.7
K
±5%, for 0 dBm output
DC Bypass Capacitor
CDCB
4.7
4.7
4.7
µF
tantalum
RF Bypass Capacitor 1
CRFB1
27
27
27
pF
±5% NPO
RF Bypass Capacitor 2
CRFB2
100
100
100
pF
±5% NPO
RF Bypass Bead
LRFB
Fair-Rite
Fair-Rite
Fair-Rite
vendor
2506033017YO or equivalent
Series Tuning Inductor
LAT
10
10
10
nH
50 ohm antenna
Shunt Tuning/ESD Inductor
LESD
100
100
100
nH
50 ohm antenna
Modulation Input
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
THLD
2
RREF
GND2
TX
MOD
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
AGC
CAP
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
Transmitter OOK Configuration
1
20
2
3456789
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
R
TXM
C
RFB2
C
DCB
L
AT
L
ESD
C
RFB1
L
RFB
+
T/S
Modulation Input
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
THLD
2
RREF
GND2
TX
MOD
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
AGC
CAP
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
Transmitter ASK Configuration
1
20
234567
89
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
R
TXM
C
RFB2
C
DCB
L
AT
L
ESD
C
RFB1
L
RFB
+
T/S
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn