Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX6001 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part No. TX6001
Description  RFM products are now Murata products
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

TX6001 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
TX6001 (R) 10/20/14
Page 1 of 6
www.murata.com
RFM products are now
Murata products.
• Designed for Short-Range Wireless Data Communications
• Supports RF Data Transmission Rates Up to 115.2 kbps
• 3 V, Low Current Operation plus Sleep Mode
• Stable, Easy to Use, Low External Parts Count
• Complies with Directive 2002/95/EC (RoHS)
The TX6001 hybrid transmitter is ideal for short-range wireless data applications where robust operation,
small size, low power consumption and low cost are required. All critical RF functions are contained in the
hybrid, simplifying and speeding design- in. The TX6001 includes provisions for both on-off keyed (OOK) and
amplitude-shift keyed (ASK) modulation. The TX6001 employs SAW filtering to suppress output harmonics,
facilitating compliance with ETSI I-ETS 300 220 and similar regulations.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
868.35 MHz
Hybrid
Transmitter
TX6001
SM-20H Case
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
868.15
868.55
MHz
Modulation Types
OOK & ASK
OOK Data Rate
20
kbps
ASK Data Rate
115.2
kbps
Transmitter Performance
Peak RF Output Power, 250 µA TXMOD Current
PO
1.5
dBm
Peak Current, 250 µA TXMOD Current
ITP
12
mA
OOK Turn On/Turn Off Times
tON/tOFF
15/10
µs
ASK Output Rise/Fall Times
tTR/tTF
1.1/1.1
µs
2nd - 4th Harmonic Outputs
-50
dBm
5th - 10th Harmonic Outputs
-55
dBm
Non-harmonic Spurious Outputs
-50
dBm
Sleep Mode Current
IS
0.7
µA
Sleep to Transmit Switch Time
tTOR
16
µs
Transmit to Sleep Switch Time
tRTO
10
µs
Control Input Logic Low Level
200
mV
Control Input Logic High Level
1
Vcc - 300
mV
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Operating Ambient Temperature
TA
-40
+85
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn