Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX6001 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part No. TX6001
Description  RFM products are now Murata products
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

TX6001 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
TX6001 (R) 10/20/14
Page 6 of 6
www.murata.com
Note: Specifications subject to change without notice.
0
0.050.10
0.150.200.250.300.350.40
0.450.50
0.125
0.250
0.375
0.500
0.625
0.750
0.875
1.000
2.7 V
3.5 V
RF Output Power vs I
TXM
I
TXM in mA
0
0.050.10
0.150.200.250.300.350.400.45
0.50
I
TXM in mA
V
TXM vs ITXM
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn