Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RX6000 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part No. RX6000
Description  RFM products are now Murata products
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

RX6000 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RX6000 (R) 10/20/14
Page 3 of 10
www.murata.com
Data Output
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
NC
RREF
GND2
NC
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
RF
A1
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
ASH Receiver Application Circuit
OOK Configuration
1
20
2
3456
78
9
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
R
PW
R
PR
R
TH1
R
REF
R
LPF
C
BBO
C
DCB
L
AT
L
ESD
C
RFB1
+
R/S
C
LPF
R
BBO
Data Output
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
THLD
2
RREF
GND2
NC
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
AGC
CAP
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
ASH Receiver Application Circuit
ASK Configuration
1
20
234
5
6789
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
R
PW
R
PR
R
TH1
R
TH2
R
REF
R
LPF
C
BBO
C
PKD
C
AGC
C
DCB
L
AT
L
ESD
C
RFB1
+
R/S
Receiver Set-Up, 3.0 Vdc, -40 to +85 °C
Item
Symbol
OOK
OOK
ASK
Units
Notes
Nominal NRZ Data Rate
DRNOM
2.4
19.2
115.2
kbps
see page 1& 2
Minimum Signal Pulse
SPMIN
416.67
52.08
8.68
µs
single bit
Maximum Signal Pulse
SPMAX
1666.68
208.32
34.72
µs
4 bits of same value
AGCCAP Capacitor
CAGC
-
-
2200
pF
±10% ceramic
PKDET Capacitor
CPKD
-
-
0.001
µF
±10% ceramic
BBOUT Capacitor
CBBO
0.1
0.015
0.0027
µF
±10% ceramic
BBOUT Resistor
RBBO
12
0
0
K
±5%
LPFAUX Capacitor
CLPF
0.0047
-
-
µF
±5%
LPFADJ Resistor
RLPF
300
100
15
K
±5%
RREF Resistor
RREF
100
100
100
K
±1%
THLD2 Resistor
RTH2
-
-
100
K
±1%, for 6 dB below peak
THLD1 Resistor
RTH1
0
0
10
K
±1%, typical values
PRATE Resistor
RPR
330
330
160
K
±5%
PWIDTH Resistor
RPW
270 to GND
270 to GND
1000 to Vcc
K
±5%
DC Bypass Capacitor
CDCB
4.7
4.7
4.7
µF
tantalum
RF Bypass Capacitor 1
CRFB1
27
27
27
pF
±5% NPO
Antenna Tuning Inductor
LAT
10
10
10
nH
50 ohm antenna
Shunt Tuning/ESD Inductor
LESD
100
100
100
nH
50 ohm antenna


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn