Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RX6000 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part No. RX6000
Description  RFM products are now Murata products
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

RX6000 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RX6000 (R) 10/20/14
Page 10 of 10
www.murata.com
18
CNTRL0
CNTRL0 is used with CNTRL1 to control the receiver modes. CNTRL0 is a high-impedance input (CMOS compatible). An
input voltage of 0 to 300 mV is interpreted as a logic low. An input voltage of Vcc - 300 mV or greater is interpreted as a logic
high. An input voltage greater than Vcc + 200 mV should not be applied to this pin. A logic high requires a maximum source
current of 40 µA. Sleep mode requires a maximum sink current of 1 µA. This pin must be held at a logic level; it cannot be left
unconnected.
19
GND3
GND3 is an IC ground pin. It should be connected to GND1 by a short, low inductance trace.
20
RFIO
RFIO is the receiver RF input pin. This pin is connected directly to the SAW filter transducer. Antennas presenting an imped-
ance in the range of 35 to 72 ohms resistive can be satisfactorily matched to this pin with a series matching coil and a shunt
matching/ESD protection coil. Other antenna impedances can be matched using two or three components. For some imped-
ances, two inductors and a capacitor will be required. A DC path from RFIO to ground is required for ESD protection.
SM-20H PCB Pad Layout
Dimensions in inches.
.09
.370
0.000
.065
.105
.145
.185
.225
.265
.305
.345
.435
Note: Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn