Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RX6000 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part No. RX6000
Description  RFM products are now Murata products
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

RX6000 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2010-2014 by Murata Electronics N.A., Inc.
RX6000 (R) 10/20/14
Page 1 of 10
www.murata.com
RFM products are now
Murata products.
• Designed for Short-Range Wireless Control and Data Communications
• Supports RF Data Transmission Rates Up to 115.2 kbps
• 3 V, Low Current Operation plus Sleep Mode
• Stable, Easy to Use, Low External Parts Count
• Complies with Directive 2002/95/EC (RoHS)
The RX6000 hybrid receiver is ideal for short-range wireless control and data applications where robust
operation, small size, low power consumption and low cost are required. The RX6000 employs Murata’s
amplifier-sequenced hybrid (ASH) architecture to achieve this unique blend of characteristics. All critical RF
functions are contained in the hybrid, simplifying and speeding design-in. The RX6000 is sensitive and stable.
A wide dynamic range log detector, in combination with digital AGC and a compound data slicer, provide
robust performance in the presence of on-channel interference or noise. Two stages of SAW filtering provide
excellent receiver out- of-band rejection. The RX6000 generates virtually no RF emissions, facilitating
compliance with FCC 15.249 and similar regulations.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
916.50 MHz
Hybrid
Receiver
RX6000
SM-20H Case
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
916.30
916.70
MHz
Modulation Types
OOK & ASK
Data Rate
115.2
kbps
Receiver Performance, High Sensitivity Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-106
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-100
dBm
Current, 2.4 kbps (RPR = 330 K)
2
3.0
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-101
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-95
dBm
Current, 19.2 kbps (RPR = 330 K)
2
3.1
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-97
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-91
dBm
Current, 115.2 kbps
3.8
mA
Receiver Performance, Low Current Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-104
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-98
dBm
Current, 2.4 kbps (RPR = 1100 K)
2
1.8
mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn