Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCRF250 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCRF250
Description  125 kHz microID Passive RFID Device with Anti-Collision
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF250 Datasheet(HTML) 3 Page - Microchip Technology

  MCRF250 Datasheet HTML 1Page - Microchip Technology MCRF250 Datasheet HTML 2Page - Microchip Technology MCRF250 Datasheet HTML 3Page - Microchip Technology MCRF250 Datasheet HTML 4Page - Microchip Technology MCRF250 Datasheet HTML 5Page - Microchip Technology MCRF250 Datasheet HTML 6Page - Microchip Technology MCRF250 Datasheet HTML 7Page - Microchip Technology MCRF250 Datasheet HTML 8Page - Microchip Technology MCRF250 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2003 Microchip Technology Inc.
DS21267F-page 3
MCRF250
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Storage temperature .............................................................................................................................. - 65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
Maximum current into coil pads .............................................................................................................................. 50 mA
TABLE 1-1:
AC AND DC CHARACTERISTICS
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
All parameters apply across the
specified operating ranges
unless otherwise noted.
Industrial (I): TA = -40°C to +85°C
Parameter
Sym
Min
Typ
Max
Units
Conditions
Clock frequency
FCLK
100
400
kHz
Contactless programming time
TWC
2
sec
For all 128-bit array
Data retention
200
Years
at 25°C
Coil current (Dynamic)
ICD
—50
µA
Operating current
IDD
—5
µAVCC = 2V
Turn-on-voltage (Dynamic) for
modulation
VAVB
10
VPP
VCC
2—
VDC
Input Capacitance
CIN
2
pF
Between VA and VB


Similar Part No. - MCRF250

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M00A MICROCHIP-MCRF200I/1M00A Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M08D MICROCHIP-MCRF200I/1M08D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M14D MICROCHIP-MCRF200I/1M14D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1MQ23 MICROCHIP-MCRF200I/1MQ23 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
More results

Similar Description - MCRF250

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
logo
EM Microelectronic - MA...
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com