Electronic Components Datasheet Search |
|
NPH15S4815iC Datasheet(PDF) 8 Page - Murata Power Solutions Inc. |
|
NPH15S4815iC Datasheet(HTML) 8 Page - Murata Power Solutions Inc. |
8 / 8 page NPH15S Series Isolated 15W Single Output DC-DC Converters KDC_NPH15S.F06 Page 8 of 8 www.murata-ps.com/support Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. © 2018 Murata Power Solutions, Inc. This product is subject to the following operating requirements and the Life and Safety Critical Application Sales Policy: Refer to: http://www.murata-ps.com/requirements/ PACKAGE SPECIFICATIONS MECHANICAL DIMENSIONS PIN CONNECTIONS Pin Function 1-VIN 2+VIN 3* SS 4+VOUT 5* TRIM 6-VOUT * Optional pins RECOMMENDED FOOTPRINT DETAILS TUBE OUTLINE DIMENSIONS Weight: 36g All dimensions in inches ±0.01 (mm ±0.25mm) All pins on a 0.10 (2.54) pitch and within ±0.01 (0.254) of true position * Optional control pins The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit board on which the converter is mounted. Top side tracks must not contact the edge of the case or the ferrite core, visible on the underside of the unit. Please note that from 2010 onwards you may receive either a blue or a black case finish. All dimensions in inches ±0.01 (mm ±0.25mm) Tube length: 530 (20.866) ±2 (0.079) Tube material: Antistatic coated clear PVC Tube Quantity: 15 All dimensions in inches ±0.01 (mm ±0.25mm) * Optional control pins 0.80 (20.32) 0.58 (14.84) 0.39 (9.96) 0.20 (5.08) 0.80 (20.32) 0.2 (5.08) 0.18 (4.50) 0.15 (3.70) 0.041 (1.04) 0.035 (0.90) 0.394 (10.00) 0.984 (25.00) 1.969 (50.00) Ø 3 2 1 5 6 4 XYYWW NPH15SXXXXiC * * |
Similar Part No. - NPH15S4815iC |
|
Similar Description - NPH15S4815iC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |