Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S4805iC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # NPH15S4805iC
Description  Isolated 15W Single Output DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NPH15S4805iC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  NPH15S4805iC Datasheet HTML 1Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 2Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 3Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 4Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 5Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 6Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 7Page - Murata Power Solutions Inc. NPH15S4805iC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NPH15S Series
Isolated 15W Single Output DC-DC Converters
KDC_NPH15S.F06 Page 3 of 8
www.murata-ps.com/support
APPLICATION NOTES
OUTPUT VOLTAGE ADJUSTMENT
VNOM
3.4
5.1
12.1
15.1
S
22.2973
20.59761
28.79096
39.95902
T
10.1351
9.36255
15.42373
20.77869
R
17.9994
24.49487
94.9661
147.7314
L
-1.6241
-2.48374
-5.942857
-7.990244
TRIM UP
TRIM DOWN
When the output voltage is trimmed up, output current must be derated so that the maximum output power is not exceeded.
Example to decrease output voltage of NPH15S4805EiC by 0.1V:
SET VOLTAGE
The output voltage of all units is set to 100mV above nominal, to offset resistive losses and thus assist with worst case error calculations. For the EiC versions, this
allowance can be altered with a single fixed resistor, connected from the trimming pin to one of the output pins.
SHUTDOWN
FREQUENCY CONTROL
When the shutdown pin (SS) is shorted to the negative input, the converter will
stop. Its current consumption will then be less than 1mA at nominal supply
voltage. The voltage must be less than 1.5V to ensure that the unit stops, and
must be able to sink at least 1mA.
The unit will restart if the control pin is left open circuit or raised to a value
close to its normal open circuit voltage. This is typically 10V. Note however,
that the unit will not meet specification while a significant current drain from
this pin remains.
If the shutdown pin is to be connected to a long wire, it is recommended that a
capacitor decouples the pin to the supply common in order to avoid the risk of
injecting noise into the converter circuit. A series resistor may also be helpful.
Values of 10nF and 1kΩ may be used.
Many NPH series converters may be switched together simply by linking the
primary control pins. The primary common pins must also be linked.
If the primary side dc control voltage is pulled away from its open circuit
voltage, the converter frequency will be changed, approximately in proportion
to the voltage. With +8.5VDC voltage to SS pin, the typical switching frequency
will be 300kHz. If this is raised to 15VDC, the switching frequency will typically
be 510kHz. The frequency may thus be moved away from a sensitive value or
into a safe area. Deviation of at least –10% to +30% is achievable, though the
efficiency will decline with significant changes. Also note that if the frequency
is lowered, the switching frequency component of output ripple will increase.
Since the design uses no large electrolytic capacitors, any use of a lower
frequency must allow for the effects of increased ripple. Additional external
filtering may be required.
+VIN
+VOUT
-VOUT
TRIM
RUP
NPH15S
The trim resistor equations are:
Rup = (R/Vup) - S kΩ
Rdown = (L x
T ) - T - S kΩ
Vdown
+VIN
+VOUT
TRIM
RDOWN
NPH15S
-VOUT
RDOWN = -2.48374 x 9.36255 - 9.36255 - 20.59761 = 203.18kΩ
(
)
-0.1


Similar Part No. - NPH15S4805iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S4805IC MURATA-NPH15S4805IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
More results

Similar Description - NPH15S4805iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com