Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S4803iC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NPH15S4803iC
Description  Isolated 15W Single Output DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NPH15S4803iC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NPH15S4803iC Datasheet HTML 1Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 2Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 3Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 4Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 5Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 6Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 7Page - Murata Power Solutions Inc. NPH15S4803iC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPH15S Series
Isolated 15W Single Output DC-DC Converters
KDC_NPH15S.F06 Page 1 of 8
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code1
Nominal Input
Voltage
Output
Voltage
Output
Current
Current Limit
Efficiency
MTTF2
V
V
A
A (Min.)
A (Max.)
%
kHrs
NPH15S2403EiC
24
3.4
4.4
7.5
11.0
81
335
NPH15S2403iC
24
3.4
4.4
7.5
11.0
81
335
NPH15S2405EiC
24
5.1
3.0
5.0
7.5
84
286
NPH15S2405iC
24
5.1
3.0
5.0
7.5
84
286
NPH15S2412EiC
24
12.1
1.3
2.5
3.7
86
286
NPH15S2412iC
24
12.1
1.3
2.5
3.7
86
286
NPH15S2415EiC
24
15.1
1.0
2.0
3.0
87
281
NPH15S2415iC
24
15.1
1.0
2.0
3.0
87
281
NPH15S4803EiC
48
3.4
4.4
7.5
11.0
83
295
NPH15S4803iC
48
3.4
4.4
7.5
11.0
83
295
NPH15S4805EiC
48
5.1
3.0
5.0
7.5
85
301
NPH15S4805iC
48
5.1
3.0
5.0
7.5
85
301
NPH15S4812EiC
48
12.1
1.3
2.5
3.7
88
302
NPH15S4812iC
48
12.1
1.3
2.5
3.7
88
302
NPH15S4815EiC
48
15.1
1.0
2.0
3.0
89
296
NPH15S4815iC
48
15.1
1.0
2.0
3.0
89
296
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 24V input types
18
24
36
V
Continuous operation, 48V input types
36
48
75
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage set point error
50% load
0.5
%
Overall voltage error
Case temperature -40ºC to 110ºC
Load 0% - 100%
Input specified range
2.5
%
Temperature coefficient
of output voltage (slope)
250
ppmºC
Deviation of output
voltage
Temperature MIN-MAX
0.5
1
%
Line regulation
Operating voltage range, 50% load
0.1
%
Load Regulation
0% - 100% rated load
0.5
%
Ripple
rms
70
mV
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1500
VDC
Resistance
VISO = 500VDC
1
ABSOLUTE MAXIMUM RATINGS
Input voltage, 24V input types
-0.5V to 40V 3
Input voltage, 48V input types
-0.5V to 80V 3
Output voltage
-0.3V to regulated voltage
Output trim control
-1V to +30V
Synchronisation/shutdown control
±15V relative to input return
1. Parts ending with EiC have optional TRIM and SS pins fitted.
2. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
3. Absolute maximum value for 30 seconds. Prolonged operation may damage the product.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
High efficiency to 89%
Power density up to 2.4W/cm3
UL 94V-0 package material
Industry standard pinout
UL 1950 recognized
Non latching current limit
Constant 350kHz frequency
1.5kV input to output isolation
Versatile control options
Continuous rating to 30W at 40ºC without
heatsink
Operation to zero load
Protected against load faults
Internal over temperature protection
Uses no electrolytic capacitors
DESCRIPTION
The NPH15S series of DC-DC converters com-
bines ease of application with versatility. The pin
pattern is based on the popular industry standard,
but two additional pins may optionally be fitted to
provide a variety of features not commonly found
on units of this type. High efficiency enables full
rating to be achieved in a small package without
heatsinking, and a high surge capability will pro-
vide for start-up and transient loads, whilst being
thermally protected against sustained overload.
Overload protection of the “constant current” type
ensures start-up into complex load conditions. The
copper case achieves efficient heat transfer and
screening. The product range has been recog-
nised by Underwriters Laboratory (UL) to UL 1950
for operational insulation, file number E151252
applies.


Similar Part No. - NPH15S4803iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S4803IC MURATA-NPH15S4803IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
More results

Similar Description - NPH15S4803iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com