Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT900 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DNT900
Description  900 MHz Frequency Hopping Spread Spectrum Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT900 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DNT900 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT900 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pin
Name
I/O
Description
30
/HOST_RTS
I
UART flow control input. The host sets this line low to allow data to flow from the DNT900 on the RADIO_TXD
pin. When the host sets this line high, the DNT900 will stop sending data to the host.
31
RADIO_TXD
O
UART transmitter output. The DNT900 sends serial data to the host on this pin. The sleep mode state of this
pin is configurable.
32
RADIO_RXD
I
UART receiver input. The DNT900 receives serial data from the host on this pin.
33
/HOST_CTS
O
UART/SPI flow control output. The DNT900 sets this line low to indicate it is ready to accept data from the
host on the RADIO_RXD or MOSI input. When the DNT900 sets this line high, the host must stop sending
data. The sleep mode state of this pin and /DCD is jointly configurable.
34
VMOD
O
+3.3 V regulated supply. Connect to pad 3 to support 3.3 V full scale and/or ratiometric ADC readings, etc.
Current drain on this output should be no greater than 5 mA.
35
/SS
I/O
SPI active low slave select. This pin is an output when the DNT900 operating as a master, and an input when
it is operating as a slave.
36
MOSI
I/O
SPI master out, slave in function. This pin is an output when the DNT900 is operating as a master, and is an
input when the DNT900 is operating as a slave.
37
MISO
I/O
SPI master in, slave out function. This pin is an input when the DNT900 is operating as a master, and is an
output when the DNT900 is operating as a slave.
38
SCLK
I/O
SPI clock signal. This pin is an output when operating as a master, and an input when operating as a slave.
39
/RESET
I
Active low module hardware reset.
40
RSVD
-
Reserved pin. Leave unconnected.
D
9 0 0 C O u t l i n e a n d M o u n t i n g D i m e n s i o n s
D i m e n s i o n s i n i n c h e s a n d ( m m )
2 . 0 5 0 ( 5 2 . 0 7 )
1 . 3 4 0
( 3 4 . 0 4 )
0 . 6 3 0
( 1 6 . 0 0 )
0 . 1 7 0 ( 4 . 3 2 )
0 . 0 5 0
( 1 . 2 7 )
0 . 0 4 0
( 1 . 0 2 )
0 . 1 0 0 ( 2 . 5 4 )
1
4 0
0 . 1 0 0 ( 2 . 5 4 )
Figure 2
©2010-2014 by Murata Electronics N.A., Inc.
DNT900C/P (R) 10/23/14
5 of 7
www.murata.com
Copyright © Murata Manufacturing Co., Ltd. All Rights Reserved 2010


Similar Part No. - DNT900

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT900DK MURATA-DNT900DK Datasheet
51Kb / 1P
   900 MHz FHSS Transceiver Module with I/O Development Kit
DNT900P MURATA-DNT900P Datasheet
543Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
More results

Similar Description - DNT900

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
DNT90MC MURATA-DNT90MC Datasheet
894Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceivers
DNT2400 MURATA-DNT2400 Datasheet
1Mb / 7P
   2.4 GHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
TRW-V4S-900 ETC2-TRW-V4S-900 Datasheet
770Kb / 11P
   900MHz Frequency-Hopping Spread Spectrum RF Module
logo
Murata Manufacturing Co...
DNT90DK MURATA-DNT90DK Datasheet
86Kb / 1P
   900 MHz Frequency Hopping Transceiver Module Development Kit
logo
ATMEL Corporation
AT48810 ATMEL-AT48810 Datasheet
31Kb / 5P
   900 MHz Spread- Spectrum RF Module
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
   2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
Murata Manufacturing Co...
SNAP2411 MURATA-SNAP2411 Datasheet
136Kb / 3P
   2.4 GHz Frequency Hopping Spread
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com