Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMWX1ZZABZ-TEMP Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CMWX1ZZABZ-TEMP
Description  LoRa Module Data Sheet
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CMWX1ZZABZ-TEMP Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CMWX1ZZABZ-TEMP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CMWX1ZZABZ-TEMP Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Specification Number : BP-ABZ-B
4 / 15
< Specification may be changed by Murata without notice >
Murata (China) Investment Co., Ltd.
1. Features
Interfaces
: I2C, UART, USB, SPI
Main ICs
: STM32L, SX1276
Reference Clocks
: Integrated 32MHz clock (TCXO with frequency error=±2 ppm)
and 32.768KHz clock (frequency error=±20 ppm)
Supported Frequencies
: 868 MHz, 915 MHz
Module Size
: 12.5 mm x 11.6 mm x 1.76 mm (Max)
Weight
: 0.48g (Typ)
Package
: Metal Shield can
RoHS
: This module is compliant with the RoHS directive
2. Part Number
Ordering Part Number
MCU
Description
CMWX1ZZABZ-TEMP
STM32L082
Engineering sample
CMWX1ZZABZ-EVK
STM32L082
Evaluation board
CMWX1ZZABZ-078
STM32L082
MP P/N
CMWX1ZZABZ-TEMP-1
STM32L072
Engineering sample
CMWX1ZZABZ-EVK-1
STM32L072
Evaluation board
CMWX1ZZABZ-091
STM32L072
MP P/N
3. Block Diagram


Similar Part No. - CMWX1ZZABZ-TEMP

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
CMW AITSEMI-CMW Datasheet
377Kb / 4P
   COMMON MODE CHOKE
logo
DIWELL Electronics Co.,...
CMW DIWELL-CMW Datasheet
420Kb / 7P
   3W-6W WIDE INPUT RANGE
2020/05/18
logo
Sensata Technologies, I...
CMW SENSATA-CMW Datasheet
225Kb / 3P
   CLEAN, COMPACT POWER ON THE GO
Rev: 07/20/19
logo
Chicago Miniature Lamp,...
CMW01G CML-CMW01G Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
CMW01H CML-CMW01H Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
More results

Similar Description - CMWX1ZZABZ-TEMP

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
logo
Murata Manufacturing Co...
LBWA1ZV1CD-716 MURATA-LBWA1ZV1CD-716 Datasheet
1Mb / 24P
   WiFi Module Data Sheet
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
   WiFi / Bluetooth Module Data Sheet
logo
Murata Manufacturing Co...
CMWC1ZZABR-107 MURATA1-CMWC1ZZABR-107 Datasheet
936Kb / 19P
   W-LAN Module Data Sheet
2021
logo
Murata Manufacturing Co...
LBWA1KL1FX-TEMP MURATA-LBWA1KL1FX-TEMP Datasheet
656Kb / 30P
   W-LAN Module Data Sheet
logo
Dorji Industrial Group ...
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
logo
Texas Instruments
S4100 TI-S4100 Datasheet
315Kb / 8P
[Old version datasheet]   Multi-Function Reader Module Data Sheet
logo
Murata Manufacturing Co...
LBCA2HNZYZ-TEMP MURATA-LBCA2HNZYZ-TEMP Datasheet
496Kb / 23P
   Bluetooth Low Energy Module Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com