Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S2405iC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # NPH15S2405iC
Description  Isolated 15W Single Output DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NPH15S2405iC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  NPH15S2405iC Datasheet HTML 1Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 2Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 3Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 4Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 5Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 6Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 7Page - Murata Power Solutions Inc. NPH15S2405iC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NPH15S Series
Isolated 15W Single Output DC-DC Converters
KDC_NPH15S.F06 Page 8 of 8
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2018 Murata Power Solutions, Inc.
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
2+VIN
3*
SS
4+VOUT
5*
TRIM
6-VOUT
* Optional pins
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Weight: 36g
All dimensions in inches ±0.01 (mm ±0.25mm)
All pins on a 0.10 (2.54) pitch and within ±0.01 (0.254) of true position
* Optional control pins
The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit board on
which the converter is mounted. Top side tracks must not contact the edge of the case or the ferrite core, visible on the
underside of the unit.
Please note that from 2010 onwards you may receive either a blue or a black case finish.
All dimensions in inches ±0.01 (mm ±0.25mm)
Tube length: 530 (20.866) ±2 (0.079)
Tube material: Antistatic coated clear PVC
Tube Quantity: 15
All dimensions in inches ±0.01 (mm ±0.25mm)
* Optional control pins
0.80
(20.32)
0.58
(14.84)
0.39
(9.96)
0.20 (5.08)
0.80
(20.32)
0.2
(5.08)
0.18 (4.50)
0.15 (3.70)
0.041 (1.04)
0.035 (0.90)
0.394 (10.00)
0.984 (25.00)
1.969
(50.00)
Ø
3
2
1
5
6
4
XYYWW
NPH15SXXXXiC
*
*


Similar Part No. - NPH15S2405iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
More results

Similar Description - NPH15S2405iC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com