Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMR107C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NMR107C
Description  Isolated 1W Single Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMR107C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NMR107C Datasheet HTML 1Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 2Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 3Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 4Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 5Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 6Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 7Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 8Page - Murata Power Solutions Inc. NMR107C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NMR Series
Isolated 1W Single Output DC/DC Converters
KDC_NMR.F01 Page 1 of 10
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
mA
mA
%
mV p-p
%pF
MIL.
Tel.
Typ. Max. Typ. Max.
kHrs
NMR100C
5
5
200
290
12
14
6
10
69
28
1847
NMR101C
5
12
83
260
6.9
7.7
4.6
10
77
33
981
NMR102C
5
15
67
253
6.5
7.5
4.3
10
79
40
667
NMR106C
12
5
200
121
12.5 13.4 5.3
10
69
36
1485
NMR107C
12
12
83
110
6.9
7.7
5
10
76
58
869
NMR108C
12
15
67
110
6.5
7.5
4
10
76
56
613
NMR118C
24
5
200
60
6.8
10
8
15
70
61
1253
NMR119C
24
12
83
53
2.8
4
7
15
78
98
784
NMR120C
24
15
67
52
2.5
3.5
8
15
80
122
566
Short Circuit Protection Option
NMR100PC
5
5
200
255
10
12
10
25
74
76.5
22
3095 61060
Recommended
Alternative
NMR112C
15
5
200
93
8.1
10
14
20
69
27
2110
MER1S1505SC
NMR113C
15
12
83
85
3.3
4
12
15
77
58
1790
MER1S1512SC
NMR114C
15
15
67
84
2.8
3.5
14
20
78
67
1560
MER1S1515SC
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Input short circuit current
Short circuit variants
95
mA
Input reflected ripple
current
Short circuit types
2
15
mA p-p
5V & 12V input types
1.6
2
15V & 24V input types
5
10
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=-40°C to 85°C, See derating graph
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN ; Short circuit types
1.15
1.2
%/%
High VIN to low VIN ; All other output types
1.0
1.2
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1000VDC
10
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
260°C
Input voltage VIN, NMR100C, NMR101C, NMR102C
7V
Input voltage VIN, NMR106C, NMR107C, NMR108C
15V
Input voltage VIN, NMR112C, NMR113C, NMR114C
18V
Input voltage VIN, NMR118C, NMR119C, NMR120C
28V
1. Calculated using MIL-HDBK-217 FN2 and Telcordia SR-332 calculation model with nominal input voltage at full load.
2. See derating graph.
3. See ripple & noise characterisation method.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
Short circuit protection option
UL 60950 recognised
1kVDC isolation ‘Hi Pot Test’
Wide temperature performance at full
1 watt load, –40°C to 85°C
Industry standard pinout
5V, 12V & 24V input
5V, 12V & 15V output
Fully encapsulated with toroidal magnetics
Custom solutions available
No electrolytic or tantalum capacitors
DESCRIPTION
The NMR series of industrial temperature range
DC/DC converters are the standard building
blocks for on-board distributed power systems.
They are ideally suited for providing single rail
supplies on primarily digital boards with the added
benefit of galvanic isolation to reduce switching
noise. Surface mount technology and advanced
packaging materials produce rugged reliable
performance over an extended temperature range
from -40ºC to 85ºC. For the NMR100PC protection
is continuous and auto-resetting on removal of the
short circuit.


Similar Part No. - NMR107C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMR107C MURATA-NMR107C Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMR107C MURATA-PS-NMR107C Datasheet
245Kb / 12P
   Isolated 1W Single Output DC-DC Converters
2023
More results

Similar Description - NMR107C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com