Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450C621M500BH8 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 450C621M500BH8
Description  The Ultimate in Ripple for Plug-in
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

450C621M500BH8 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  450C621M500BH8 Datasheet HTML 1Page - Cornell Dubilier Electronics 450C621M500BH8 Datasheet HTML 2Page - Cornell Dubilier Electronics 450C621M500BH8 Datasheet HTML 3Page - Cornell Dubilier Electronics 450C621M500BH8 Datasheet HTML 4Page - Cornell Dubilier Electronics 450C621M500BH8 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
Outline Drawings
Case Dimensions
Case
Code
Inches
Millimeters
D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
EH
EB
1.75
2.25
0.70
0.375
0.35
0.90
1.75
2.75
0.70
0.375
0.35
0.90
1.75
3.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
44.45
69.85
17.78
9.53
8.89
22.86
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
BH
BB
2.00
2.25
0.80
0.425
0.40
1.00
2.00
2.75
0.80
0.425
0.40
1.00
2.00
3.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
50.80
69.85
20.32
10.80
10.16
25.40
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40
Part Numbering System
450C
222
M
100
AK
8
Type Capacitance
222 = 2200 µF
151 = 150 µF
Tolerance
M = ±20%
T = –10% +50%
U = –10% +75%
Voltage Case Code
100 = 100 V
450 = 450 V
Insulation
0 = Bare can
8 = PVC and
Standoffs
9 = Polyester and
Standoffs
Terminal
(blank) = Straight
Leads
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864) 843-2277  Fax: (864) 843-3800  www.cde.com


Similar Part No. - 450C621M500BH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C621M500BH8 CDE-450C621M500BH8 Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
More results

Similar Description - 450C621M500BH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Fujitsu Component Limit...
MB91F465X FUJITSU-MB91F465X Datasheet
474Kb / 2P
   The Ultimate Automotive Network
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
PHOENIX CONTACT
1837336 PHOENIX-1837336 Datasheet
91Kb / 3P
   Closed contour for optimum stability of the plug-in connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com