Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRE1S2405SC Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # CRE1S2405SC
Description  Isolated 1W Single Output Isolated DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S2405SC Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button CRE1S2405SC Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 11Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 12Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 13Page - Murata Power Solutions Inc. CRE1S2405SC Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 11 of 14
www.murata-ps.com/support
PACKAGE SPECIFICATIONS (Continued)
0.25 (0.010)
0.10 (0.004)
2.79 (0.110) MAX
6.35 (0.250)
5.85 (0.230)
6.60 (0.260)
5.95 (0.234)
(1.875 MAX)
0.1(0.004) S
2.54 (0.100)
0.65 (0.026)
0.55 (0.022)
1
2.10 (0.083)
10 PINS
0.2 (0.008)
S
14
PLANE
SEATING
DETAIL A
S
DETAIL A
P
REFERENCE
PLANE
0.30 (0.012)
0.20 (0.008)
0.50 (0.020)
1.50 (0.059)
1.20 (0.047)
±5.00°
7
XYYWW
CRE1S0505MC
8
3
12.70 (0.500)
7.62 (0.300)
All dimensions in mm (inches) Controlling dimension is mm.
All pins on a 2.54 (0.100) pitch and within ±0.25 (0.010) of true position
Weight: 1.2g
PIN CONNECTIONS - CRE1SXXXXMC/MEC
Pin
Function
1
-VIN
3
+VIN
7
-VOUT
8
+VOUT
14
NA
CRE1S0505MC
CRE1S0505MEC
2.54 (0.100)
0.6±0.05 (0.024±0.002)
0.2 (0.008) Min.
10.70±0.15
(0.421±0.006)
11.00±0.15
(0.433±0.006)
1
3
7
8
14
2.54±0.15 (0.100±0.006)
x5 Pins
0.10 S
1.56±0.10 (0.061±0.004)
7.62 (0.300)
12.70±0.20
(0.500±0.008)
7.05
+0.35
-0.10 0.278
(
)
+0.014
-0.004
0.25±0.05 (0.010±0.002)
CRE1S0505MEC
XYYWW


Similar Part No. - CRE1S2405SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1S2405SC MURATA-PS-CRE1S2405SC Datasheet
431Kb / 17P
   Isolated 1W Single Output Isolated DC-DC Converters
2020
More results

Similar Description - CRE1S2405SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com