Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICH-360 Datasheet(PDF) 14 Page - Murata Power Solutions Inc.

Part # ICH-360
Description  Wide Input Isolated Half Brick DC-DC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICH-360 Datasheet(HTML) 14 Page - Murata Power Solutions Inc.

Back Button ICH-360 Datasheet HTML 9Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 10Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 11Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 12Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 13Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 14Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 15Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 16Page - Murata Power Solutions Inc. ICH-360 Datasheet HTML 17Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.murata-ps.com/support
MDC_ICH_360W_A04 Page 14 of 17
ICH 360-Watt Series
Wide Input Isolated Half Brick DC-DC
Characteristic Waveforms - ICH0513V1PC
Fig. 28: Turn-on by ON/OFF transient (with Vin applied) at full rated load
current (resistive) at Vin = 24V. Top trace (C1): ON/OFF signal (5 V/
div.). Bottom trace (C4): Output voltage (10 V/div.). Time: 5 ms/div.
Fig. 29: Turn-on by Vin transient (ON/OFF high) at full rated load current
(resistive) at Vin = 24V. Top trace (C2): Input voltage Vin (10 V/div.).
Bottom trace (C4): Output voltage (10 V/div.). Time: 100 ms/div.
Fig. 30: Output voltage response to load current step change 50% - 75%
- 50% (6.5A-9.75A-6.5A) with di/dt = 1A/µs at Vin = 24V. Top trace
(C4): Output voltage (200 mV/div.). Bottom trace (C3): Load current
(10A/div.). Co = 470µf/70m . Time: 1ms/div.
Fig. 31: Output voltage response to load current step change 50% -
100% - 50% (6.5A-13A-6.5A) with di/dt = 1A/µs at Vin = 24V. Top
trace (C4): Output voltage (500 mV/div.). Bottom trace (C3): Load
current (10A/div.). Co = 470µf/70m . Time: 1ms/div.
Fig. 32: Output voltage ripple (200mV/div.) at full rated load current into
a resistive load at Vin = 24V. Co= 470 µF/70m . Time: 2 µs/div.
Fig. 33: Input reflected ripple current, ic (500mA/mV), measured at input
terminals at full rated load current at Vin = 24V.
Refer to Fig. 2 for
test setup. Time: 2µs/div. RMS input ripple current is 0.935*500mA =
549mA.


Similar Part No. - ICH-360

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
More results

Similar Description - ICH-360

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
GAPTEC Electronic GmbH ...
450HBAW GAPTEC-450HBAW Datasheet
1Mb / 6P
   450W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW GAPTEC-700HBAW Datasheet
1Mb / 7P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW-1.5 GAPTEC-700HBAW-1.5 Datasheet
1Mb / 8P
   700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
   150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
UWS MURATA-PS-UWS Datasheet
924Kb / 25P
   Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com