Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420C701M350AH8 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 420C701M350AH8
Description  Best Value, High Ripple, Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

420C701M350AH8 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  420C701M350AH8 Datasheet HTML 1Page - Cornell Dubilier Electronics 420C701M350AH8 Datasheet HTML 2Page - Cornell Dubilier Electronics 420C701M350AH8 Datasheet HTML 3Page - Cornell Dubilier Electronics 420C701M350AH8 Datasheet HTML 4Page - Cornell Dubilier Electronics 420C701M350AH8 Datasheet HTML 5Page - Cornell Dubilier Electronics 420C701M350AH8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
350 Vdc (400 Vdc Surge)
400 Vdc (450 Vdc Surge)
1200 420C122M350AJ8 87.50
42.30
5.20
7.50
1 3/8 X 3 3/4
3300 420C332M400BE8 35.60
17.00
11.80
17.10
2 X 5 1/4
1400 420C142M350AC8 74.00
36.20
6.00
8.50
1 3/8 X 4 1/4
3700 420C372M400BF8 32.20
15.60
12.90
18.50
2 X 5 3/4
1500 420C152M350EB8 70.90
33.00
6.50
9.50
1 3/4 X 3 1/4
450 Vdc (500 Vdc Surge)
1500 420C152M350BH8 80.0
37.5
6.2
9.1
2 X 2 3/4
220 420C221M450AK8 383.00 171.00
1.90
2.80
1 3/8 X 1 3/4
1700 420C172M350AD8 64.3
31.9
6.7
9.5
1 3/8 X 4 3/4
330 420C331M450AA8 256.00 115.00
2.60
3.90
1 3/8 X 2 1/4
1900 420C192M350EJ8 57.7
27.1
7.5
10.9
1 3/4 X 3 3/4
500 420C501M450AH8 178.00 80.30
3.20
4.80
1 3/8 X 2 3/4
1900 420C192M350AE8 57.0
28.7
7.4
10.5
1 3/8 X 5 1/4
570 420C571M450EA8 157.00 69.10
3.80
5.70
1 3/4 X 2 1/4
2000 420C202M350BB8 61.6
29.1
7.5
10.9
2 X 3 1/4
630 420C631M450AB8 137.00 62.20
4.00
5.90
1 3/8 X 3 1/4
2100 420C212M350AF8 51.3
26.2
8.2
11.5
1 3/8 X 5 3/4
700 420C701M450BA8 138.00 60.90
4.40
6.60
2 X 2 1/4
2300 420C232M350EC8 50.9
24.2
8.4
12.2
1 3/4 X 4 1/4
760 420C761M450EH8 116.00 50.10
4.70
7.20
1 3/4 X 2 3/4
2400 420C242M350BJ8 50.2
24.0
9.3
13.4
2 X 3 3/4
760 420C761M450AJ8 111.00 51.10
4.60
6.80
1 3/8 X 3 3/4
2600 420C262M350ED8 44.2
21.3
9.5
13.7
1 3/4 X 4 3/4
910 420C911M450AC8 93.80
43.60
5.30
7.80
1 3/8 X 4 1/4
2800 420C282M350BC8 43.3
20.6
10.1
14.6
2 X 4 1/4
940 420C941M450BH8 99.10
43.30
5.60
8.50
2 X 2 3/4
3000 420C302M350EE8 39.2
19.1
10.7
15.3
1 3/4 X 5 1/4
1000 420C102M450EB8 88.80
38.80
5.80
8.80
1 3/4 X 3 1/4
3300 420C332M350BD8 37.4
18.2
11.2
16.0
2 X 4 3/4
1100 420C112M450AD8 81.40
38.20
5.90
8.70
1 3/8 X 4 3/4
3400 420C342M350EF8 35.3
17.5
12.0
17.1
1 3/4 X 5 3/4
1200 420C122M450EJ8 72.20
31.80
6.70
10.00
1 3/4 X 3 3/4
3900 420C392M350BE8 32.1
16.0
12.5
17.7
2 X 5 1/4
1200 420C122M450AE8 72.00
34.30
6.60
9.60
1 3/8 X 5 1/4
4300 420C432M350BF8 29.0
14.7
13.6
19.1
2 X 5 3/4
1300 420C132M450AF8 64.70
31.20
7.30
10.60
1 3/8 X 5 3/4
400 Vdc (450 Vdc Surge)
1300 420C132M450BB8 76.10
33.50
6.70
10.10
2 X 3 1/4
290 420C291M400AK8 341.00 155.00 2.00
2.90
1 3/8 X 1 3/4
1500 420C152M450EC8 63.50
28.30
7.50
11.30
1 3/4 X 4 1/4
440 420C441M400AA8 228.00 104.00 2.80
4.10
1 3/8 X 2 1/4
1600 420C162M450BJ8 62.00
27.60
8.30
12.50
2 X 3 3/4
600 420C601M400AH8 158.00 73.00
3.40
5.00
1 3/8 X 2 3/4
1700 420C172M450ED8 55.10
24.80
8.50
12.70
1 3/4 X 4 3/4
740 420C741M400EA8 141.00 63.90
4.00
5.90
1 3/4 X 2 1/4
1800 420C182M450BC8 53.30
23.60
9.10
13.60
2 X 4 1/4
830 420C831M400AB8 122.00 56.60
4.20
6.20
1 3/8 X 3 1/4
1900 420C192M450EE8 48.80
22.20
9.60
14.20
1 3/4 X 5 1/4
920 420C921M400BA8 124.00 56.80
4.60
6.90
2 X 2 1/4
2100 420C212M450BD8 46.10
20.80
10.10
15.00
2 X 4 3/4
1000 420C102M400EH8 104.00 46.20
5.00
7.50
1 3/4 X 2 3/4
2200 420C222M450EF8 43.90
20.30
10.80
15.90
1 3/4 X 5 3/4
1000 420C102M400AJ8 98.90
46.50
4.90
7.10
1 3/8 X 3 3/4
2500 420C252M450BE8 39.30
18.20
11.30
16.60
2 X 5 1/4
1200 420C122M400BH8 89.30
40.30
5.90
8.80
2 X 2 3/4
2800 420C282M450BF8 35.50
16.60
12.30
17.90
2 X 5 3/4
1200 420C122M400AC8 83.60
39.80
5.60
8.10
1 3/8 X 4 1/4
500 Vdc (550 Vdc Surge)
1300 420C132M400EB8 79.50
35.80
6.10
9.20
1 3/4 X 3 1/4
160 420C161M500AK8 416.00 151.00
1.80
3.00
1 3/8 X 1 3/4
1400 420C142M400AD8 72.60
35.00
6.30
9.10
1 3/8 X 4 3/4
240 420C241M500AA8 278.00 101.00
2.50
4.20
1 3/8 X 2 1/4
1600 420C162M400AE8 64.30
31.40
7.00
10.00
1 3/8 X 5 1/4
350 420C351M500AH8 193.00 70.50
3.10
5.10
1 3/8 X 2 3/4
1600 420C162M400EJ8 64.70
29.40
7.00
10.40
1 3/4 X 3 3/4
370 420C371M500EA8 248.00 140.00
3.50
5.60
1 3/4 X 2 1/4
1700 420C172M400BB8 68.60
31.30
7.10
10.50
2 X 3 1/4
460 420C461M500AB8 148.00 54.50
3.80
6.30
1 3/8 X 3 1/4
1800 420C182M400AF8 57.80
28.70
7.80
11.00
1 3/8 X 5 3/4
480 420C481M500BA8 197.00 118.00
4.10
6.50
2 X 2 1/4
1900 420C192M400EC8 57.00
26.20
7.90
11.70
1 3/4 X 4 1/4
540 420C541M500EH8 172.00 97.80
4.50
7.20
1 3/4 X 2 3/4
2000 420C202M400BJ8 55.90
25.70
8.80
13.00
2 X 3 3/4
570 420C571M500AJ8 121.00 44.60
4.40
7.30
1 3/8 X 3 3/4
2200 420C222M400ED8 49.50
23.00
9.00
13.20
1 3/4 X 4 3/4
670 420C671M500BH8 137.00 82.30
5.40
8.30
2 X 2 3/4
2400 420C242M400BC8 48.20
22.00
9.50
14.10
2 X 4 1/4
670 420C671M500AC8 137.00 79.30
5.10
8.30
1 3/8 X 4 1/4
2500 420C252M400EE8 43.90
20.60 10.10
14.70
1 3/4 X 5 1/4
710 420C711M500EB8 132.00 75.50
5.50
8.80
1 3/4 X 3 1/4
2800 420C282M400EF8 39.50
18.80 11.40
16.50
1 3/4 X 5 3/4
750 420C751M500AD8 88.40
33.30
5.70
9.30
1 3/8 X 4 3/4
2800 420C282M400BD8 41.60
19.50 10.60
15.50
2 X 4 3/4
880 420C881M500EJ8 108.00 61.90
6.40
10.10
1 3/4 X 3 3/4
Type 420C 85 °C Long Life, Inverter Grade, Plug-in, Aluminum
Best Value, High Ripple, Board-Mount Type
Additional Low Voltages Available at http://www.cde.com/catalogs/420C.pdf


Similar Part No. - 420C701M350AH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C701M350AH8 CDE-420C701M350AH8 Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
More results

Similar Description - 420C701M350AH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
logo
Kingston Technology Far...
DT70 KINGSTON-DT70 Datasheet
202Kb / 2P
   Best Value USB-C Flash Drive
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com