Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300A-3IDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4300A-3IDD
Description  Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300A-3IDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4300A-3IDD Datasheet HTML 4Page - Linear Technology LTC4300A-3IDD Datasheet HTML 5Page - Linear Technology LTC4300A-3IDD Datasheet HTML 6Page - Linear Technology LTC4300A-3IDD Datasheet HTML 7Page - Linear Technology LTC4300A-3IDD Datasheet HTML 8Page - Linear Technology LTC4300A-3IDD Datasheet HTML 9Page - Linear Technology LTC4300A-3IDD Datasheet HTML 10Page - Linear Technology LTC4300A-3IDD Datasheet HTML 11Page - Linear Technology LTC4300A-3IDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4300A-3
10
sn4300a3 4300a3fs
APPLICATIO S I FOR ATIO
5V to 3.3V Level Translator and Power Supply
Redundancy
Systems requiring different supply voltages for the
backplane side and the card side can use the LTC4300A-3,
as shown in Figure 5. The pull-up resistors on the card side
connect from SDAOUT to SCLOUT to VCC2, and those on
the backplane side connect from SDAIN and SCLIN to VCC.
The LTC4300A-3 functions for voltages ranging from 2.7V
to 5.5V on both VCC and VCC2. There is no constraint on the
voltage magnitudes of VCC and VCC2 with respect to each
other.
This application also provides power supply redundancy.
If the VCC2 voltage falls below its UVLO threshold, the
LTC4300A-3 disconnects the backplane from the card, so
that the backplane can continue to function. If the VCC
voltage falls below its UVLO threshold and the VCC2
voltage remains active, hold ENABLE at ground to ensure
proper operation.
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ENABLE
4300A-3 F04
I/O PERIPHERAL CARD 1
LTC4300A-3
C2 0.01µF
CARD_SCL
CARD_SDA
R7
10k
R8
10k
VCC2
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
ENA2
ENA1
VCC
C1
0.01µF
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ENABLE
I/O PERIPHERAL CARD 2
LTC4300A-3
C4 0.01µF
CARD2_SCL
CARD2_SDA
C3
0.01µF
R1
10k
R2
10k
R3
10k
R4
10k
R5
10k
R6
10k
Figure 4. The LTC4300A-3 in a Custom Application. Making ENABLE the Shortest Pin Ensures that
VCC and VCC2 Connect Before ENABLE is Allowed to Go High, Connecting the Card to the Backplane


Similar Part No. - LTC4300A-3IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-3 LINER-LTC4300A-3 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-3 LINER-LTC4300A-3 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4300A-3 LINER-LTC4300A-3 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-3 LINER-LTC4300A-3 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4300A-3IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com