Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84134382H Datasheet(PDF) 2 Page - Crydom Inc.,

Part # 84134382H
Description  AC Output SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

84134382H Datasheet(HTML) 2 Page - Crydom Inc.,

  84134382H Datasheet HTML 1Page - Crydom Inc., 84134382H Datasheet HTML 2Page - Crydom Inc., 84134382H Datasheet HTML 3Page - Crydom Inc., 84134382H Datasheet HTML 4Page - Crydom Inc., 84134382H Datasheet HTML 5Page - Crydom Inc., 84134382H Datasheet HTML 6Page - Crydom Inc., 84134382H Datasheet HTML 7Page - Crydom Inc., 84134382H Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
INPUT SPECIFICATIONS (1)
Description
8413xxx0
Control Voltage Range
3-32 VDC (4)
Maximum Reverse Voltage
-32 VDC
Minimum Turn-On Voltage
3 VDC (4)
Must Turn-Off Voltage
1 VDC
Minimum Input Current (for on-state) [mA]
10
Maximum Input Current [mA]
15
Nominal Input Impedance [Ohms]
Maximum Turn-On Time [msec]
1/2 Cycle (6)
Maximum Turn-Off Time [msec]
1/2 Cycle
8413xxx1
90-280 VAC (5)
-
90 VAC
10 VAC
6
10
20
30
8413xxx2
18-36 VAC
-
18 VAC
4 VAC
13
15
Current Regulated
20
30
GENERAL SPECIFICATIONS (1)
Parameters
Description
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range (7)
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.53 oz (72 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lb/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (in-lb/Nm)
18-20 / 2-2.2
SSR Mounting Screw Torque Range (in-lb/Nm)
18-20 / 2-2.2
LED Input Status Indicator
Green
MTBF (Mean Time Between Failures) at 40°C ambient temperature (8)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (8)
7,210,376 hours (823 years)
Humidity per IEC60068-2-78
93% non-condensing
GENERAL NOTES
For additional information or specific questions, contact Crydom Technical Support.
(1)
All parameters at 25°C unless otherwise specified.
(2)
Output will self trigger between 450-600 Vpk / 900-1200 Vpk for 280 VAC/660 VAC models not suitable for capacitive loads.
(3)
Heat sinking required, see derating curves.
(4)
4-32 VDC for 48-660 VAC models.
(5)
For ambient temperatures above 40°C the maximum control voltage must not exceed 250 VAC.
(6)
Turn-on time for Instantaneous turn-on versions is 0.1 msec.
(7)
AC models operating range is -20 to 80°C.
(8)
All parameters at 50% power rating and 100% duty cycle (contact Crydom tech support for detailed report).
(9)
Load can be wired to either SSR output terminal 1 or 2.
(10)
For single surge pulse Tc=25°C; Tj=125°C. For AC Output SSRs, AC Rms value of surge current equals the peak value divided by √2 (1.414).


Similar Part No. - 84134382H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84134382 ETC2-84134382 Datasheet
2Mb / 50P
   SIMM Series Input Modules
More results

Similar Description - 84134382H

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AN-145DE IXYS-AN-145DE Datasheet
413Kb / 13P
   Vorteile von Halbleiterrelais (SSRs)
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
HS259DR CRYDOM-HS259DR Datasheet
426Kb / 3P
   Suitable for NOVA22 Panel Mount SSRs
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
   Compact SSRs Ideal for Built-in Applications
logo
Crydom Inc.,
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
   AC Output Modules
logo
Crydom Inc.,
HSP-7 CRYDOM-HSP-7 Datasheet
479Kb / 4P
   Thermal Pad suitable for NOVA22 Panel Mount SSRs
HK8 CRYDOM-HK8 Datasheet
443Kb / 3P
   Hardware Kit suitable for NOVA22 Panel Mount SSRs
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
   Single-Output AC-DC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com