Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450C292M350BD8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 450C292M350BD8
Description  The Ultimate in Ripple for Plug-in
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

450C292M350BD8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  450C292M350BD8 Datasheet HTML 1Page - Cornell Dubilier Electronics 450C292M350BD8 Datasheet HTML 2Page - Cornell Dubilier Electronics 450C292M350BD8 Datasheet HTML 3Page - Cornell Dubilier Electronics 450C292M350BD8 Datasheet HTML 4Page - Cornell Dubilier Electronics 450C292M350BD8 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
The Ultimate in Ripple for Plug-in
Specifications
Type 450C is the 105 °C version of the Type 420C Inverter
Grade capacitor, and it is the PC-mount version of the Type
550C.Itdeliverstheripple-currentcapabilityandexceptional
life needed for motor-drive and inverter bus capacitors. It is
a signifcantly better value than comparable 105 °C snap-in
capacitors. The extended cathode foil of the 450C assures
cool operation and heat fow from the capacitor element to
the can in all orientations.
Highlights
• Better value than large 105 °C snap-in capacitors
• Especially for motor drives and UPS systems
• ESRs to 6.9 m
• Printed-circuit mounting
• Thermal-Pak™ extended cathode construction
RoHS Compliant
–40 °C to 105 °C
Operating Temperature:
100 to 500 Vdc
Rated Voltage:
150 µF to 24,000 µF ± 20%
Capacitance:
≤ 3 √CV µA, 4 mA max, 5 minutes
DC Leakage Current:
20 °C multiple of 25 °C Z ≤ 3
Cold Impedance:
Ambient Temperature
Ripple Current Multipliers:
45 °C
55 °C
65 °C
75 °C
85 ºC
95 ºC
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz
1 3/8” & 1 3/4” Diameters
100 to 350 V
0.91
0.93
1.00
1.06
1.08
1.09
1.09
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.23
2” Diameters
100 to 350 V
0.92
0.94
1.00
1.05
1.07
1.08
1.08
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.27
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
5000 h at 85 °C per EIA IS-749 with 85 ºC ripple current
∆ Capacitance ± 20%
ESR 200 % of limit
DCL 100 % of limit
10,000 h at 105 ºC with rated voltage
∆ Capacitance ± 10%
ESR 200 % of limit
DCL 100 % of limit
500 h at 105 °C. Capacitance, ESR and DCL meet initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864) 843-2277  Fax: (864) 843-3800  www.cde.com


Similar Part No. - 450C292M350BD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C292M350BD8 CDE-450C292M350BD8 Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
More results

Similar Description - 450C292M350BD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Fujitsu Component Limit...
MB91F465X FUJITSU-MB91F465X Datasheet
474Kb / 2P
   The Ultimate Automotive Network
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
PHOENIX CONTACT
1837336 PHOENIX-1837336 Datasheet
91Kb / 3P
   Closed contour for optimum stability of the plug-in connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com