Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420C461M500AB8 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 420C461M500AB8
Description  Best Value, High Ripple, Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

420C461M500AB8 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  420C461M500AB8 Datasheet HTML 1Page - Cornell Dubilier Electronics 420C461M500AB8 Datasheet HTML 2Page - Cornell Dubilier Electronics 420C461M500AB8 Datasheet HTML 3Page - Cornell Dubilier Electronics 420C461M500AB8 Datasheet HTML 4Page - Cornell Dubilier Electronics 420C461M500AB8 Datasheet HTML 5Page - Cornell Dubilier Electronics 420C461M500AB8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Typical Performance Curves
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal
Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
500 Vdc (550 Vdc Surge)
500 Vdc (550 Vdc Surge)
890 420C891M500BB8 105.00 63.70
6.40
10.00
2 X 3 1/4
1300 420C132M500BC8 72.60
44.60
8.70
13.40
2 X 4 1/4
890 420C891M500AE8 78.20
29.70
6.30
10.30 1 3/8 X 5 1/4
1400 420C142M500EE8 69.90
41.30
9.10
14.30 1 3/4 X 5 1/4
1000 420C102M500EC8 90.90
52.70
7.20
11.40 1 3/4 X 4 1/4
1500 420C152M500EF8 62.90
37.50
10.30
16.10 1 3/4 X 5 3/4
1000 420C102M500AF8 70.30
27.00
7.00
11.40 1 3/8 X 5 3/4
1500 420C152M500BD8 63.10
39.10
9.70
14.80
2 X 4 3/4
1100 420C112M500BJ8 85.80
52.20
8.00
12.30
2 X 3 3/4
1800 420C182M500BE8 54.50
34.20
10.80
16.40
2 X 5 1/4
1200 420C122M500ED8 78.90
46.10
8.10
12.80 1 3/4 X 4 3/4
2000 420C202M500BF8 49.20
31.30
11.70
17.80
2 X 5 3/4
Type 420C 85 °C Long Life, Inverter Grade, Plug-in, Aluminum
Best Value, High Ripple, Board-Mount Type
Additional Low Voltages Available at http://www.cde.com/catalogs/420C.pdf
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 420C Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
Frequency (Hz)
Type 420C Capacitance vs Temperature & Frequency 3700 µF 400 V
65 ºC
25 ºC
85 ºC
0 ºC
–20 ºC
–40 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
Frequency (Hz)
Type 420C ESR vs Temperature and Frequency 3700 µF 400 V
–40 ºC
–20 ºC
0 ºC
25 ºC
45 ºC
85 ºC
65 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
Type 420C Impedance vs Temperature and Frequency 3700 µF 400 V
–40 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–20 ºC


Similar Part No. - 420C461M500AB8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C461M500AB8 CDE-420C461M500AB8 Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
More results

Similar Description - 420C461M500AB8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
logo
Kingston Technology Far...
DT70 KINGSTON-DT70 Datasheet
202Kb / 2P
   Best Value USB-C Flash Drive
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com