Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400C102M250AA8 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 400C102M250AA8
Description  Very Long Life Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

400C102M250AA8 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  400C102M250AA8 Datasheet HTML 1Page - Cornell Dubilier Electronics 400C102M250AA8 Datasheet HTML 2Page - Cornell Dubilier Electronics 400C102M250AA8 Datasheet HTML 3Page - Cornell Dubilier Electronics 400C102M250AA8 Datasheet HTML 4Page - Cornell Dubilier Electronics 400C102M250AA8 Datasheet HTML 5Page - Cornell Dubilier Electronics 400C102M250AA8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.1
1
10
100
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110
Temperature (⁰C)
Temperature Characteristics - 4,200 µF 100 Vdc
ESR
Impedance
Capacitance
0.1
1
10
100
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110
Temperature (⁰C)
Temperature Characteristics - 29,000 µF 50 Vdc
ESR
Impedance
Capacitance
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 400C Operating Life in Kilohours vs Ripple Current (90% V)
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
0.1
1
10
100
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110
Temperature (⁰C)
Temperature Characteristics - 98,000 µF 10 Vdc
ESR
Impedance
Capacitance
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
500 Volts (550 Vdc Surge)
500 Volts (550 Vdc Surge)
940 400C941M500EJ8 105.00 60.60
6.00
9.50
1 3/4 X 3 3/4
1300 400C132M500ED8 76.70
45.20
7.60
12.00
1 3/4 X 4 3/4
950 400C951M500AE8 75.90
29.10
6.00
9.70
1 3/8 X 5 1/4
1400 400C142M500BC8 70.70
43.80
8.20
12.60
2 X 4 1/4
960 400C961M500BB8 103.00 62.50
6.10
9.40
2 X 3 1/4
1500 400C152M500EE8 68.00
40.50
8.60
13.50
1 3/4 X 5 1/4
1100 400C112M500AF8 68.30
26.40
6.60
10.70
1 3/8 X 5 3/4
1600 400C162M500BD8 61.50
38.40
9.10
13.90
2 X 4 3/4
1100 400C112M500EC8 88.40
51.70
6.80
10.70
1 3/4 X 4 1/4
1700 400C172M500EF8 61.20
36.80
9.70
15.10
1 3/4 X 5 3/4
1200 400C122M500BJ8 83.50
51.30
7.50
11.60
2 X 3 3/4
1900 400C192M500BE8 53.10
33.60 10.20
15.40
2 X 5 1/4
2100 400C212M500BF8 48.00
30.70 11.10
16.70
2 X 5 3/4
Typical Performance Curves
Additional Low Voltages available at http://www.cde.com/catalogs/400C.pdf
Type 400C 95 °C Long Life, Plug-in, Radial Leaded Aluminum
Very Long Life Board-Mount Type
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
Impedancevs Frequency
8000 µF 150 Vdc
140,000 µF 10 Vdc
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
350 Vdc (400 Vdc Surge)
400 Vdc (450 Vdc Surge)
1200 400C122M350EH8 90.50
41.90
5.00
7.30
1 3/4 X 2 3/4
2900 400C292M400EF8 39.50
16.10
10.60
16.60
1 3/4 X 5 3/4
1200 400C122M350AJ8 85.80
41.70
4.90
7.00
1 3/8 X 3 3/4
3400 400C342M400BE8 35.60
15.70
11.00
16.60
2 X 5 1/4
1500 400C152M350BH8 78.60
37.10
5.80
8.50
2 X 2 3/4
3700 400C372M400BF8 32.20
14.40
12.00
17.90
2 X 5 3/4
1500 400C152M350AC8 72.60
35.70
5.60
8.00
1 3/8 X 4 1/4
450 Vdc (500 Vdc Surge)
1600 400C162M350EB8 69.50
32.50
6.10
8.90
1 3/4 X 3 1/4
250 400C251M450AK8 367.00 123.00
1.80
3.10
1 3/8 X 1 3/4
1700 400C172M350AD8 63.10
31.40
6.30
8.90
1 3/8 X 4 3/4
370 400C371M450AA8 245.00 82.60
2.50
4.30
1 3/8 X 2 1/4
2000 400C202M350EJ8 56.70
26.80
7.00
10.20
1 3/4 X 3 3/4
500 400C501M450AH8 170.00 57.80
3.10
5.30
1 3/8 X 2 3/4
2000 400C202M350BB8 60.50
28.80
7.00
10.20
2 X 3 1/4
630 400C631M450EA8 151.00 57.60
3.60
5.80
1 3/4 X 2 1/4
2000 400C202M350AE8 55.90
28.30
7.00
9.80
1 3/8 X 5 1/4
700 400C701M450AB8 131.00 44.80
3.80
6.50
1 3/8 X 3 1/4
2200 400C222M350AF8 50.40
25.90
7.70
10.80
1 3/8 X 5 3/4
780 400C781M450BA8 132.00 54.80
4.20
6.50
2 X 2 1/4
2400 400C242M350EC8 49.90
23.90
7.90
11.40
1 3/4 X 4 1/4
850 400C851M450AJ8 107.00 36.80
4.40
7.50
1 3/8 X 3 3/4
2500 400C252M350BJ8 49.40
23.80
8.70
12.60
2 X 3 3/4
850 400C851M450EH8 111.00 41.70
4.50
7.30
1 3/4 X 2 3/4
2800 400C282M350ED8 43.40
21.00
8.90
12.80
1 3/4 X 4 3/4
1000 400C102M450AC8 89.90
31.40
5.00
8.50
1 3/8 X 4 1/4
3000 400C302M350BC8 42.50
20.40
9.40
13.60
2 X 4 1/4
1000 400C102M450BH8 95.40
38.90
5.30
8.30
2 X 2 3/4
3100 400C312M350EE8 38.50
18.90
10.00
14.30
1 3/4 X 5 1/4
1100 400C112M450EB8 85.30
32.20
5.50
9.00
1 3/4 X 3 1/4
3400 400C342M350BD8 36.80
18.00
10.50
15.00
2 X 4 3/4
1200 400C122M450AD8 78.00
27.60
5.60
9.50
1 3/8 X 4 3/4
3500 400C352M350EF8 34.70
17.30
11.30
16.00
1 3/4 X 5 3/4
1400 400C142M450AE8 69.10
24.70
6.30
10.50
1 3/8 X 5 1/4
4100 400C412M350BE8 31.50
15.80
11.70
16.50
2 X 5 1/4
1400 400C142M450EJ8 69.40
26.50
6.30
10.20
1 3/4 X 3 3/4
4500 400C452M350BF8 28.60
14.50
12.70
17.90
2 X 5 3/4
1400 400C142M450BB8 73.30
30.20
6.40
9.90
2 X 3 1/4
400 Vdc (450 Vdc Surge)
1500 400C152M450AF8 62.10
22.50
7.00
11.60
1 3/8 X 5 3/4
300 400C301M400AK8 341.00 116.00
1.80
3.20
1 3/8 X 1 3/4
1600 400C162M450EC8 61.10
23.50
7.10
11.50
1 3/4 X 4 1/4
450 400C451M400AA8 228.00 77.70
2.60
4.40
1 3/8 X 2 1/4
1700 400C172M450BJ8 59.70
24.80
7.90
12.30
2 X 3 3/4
600 400C601M400AH8 158.00 54.40
3.20
5.40
1 3/8 X 2 3/4
1900 400C192M450ED8 53.00
20.70
8.10
12.90
1 3/4 X 4 3/4
750 400C751M400EA8 141.00 54.80
3.70
6.00
1 3/4 X 2 1/4
2000 400C202M450BC8 51.40
21.20
8.60
13.40
2 X 4 1/4
840 400C841M400AB8 122.00 42.20
3.90
6.60
1 3/8 X 3 1/4
2100 400C212M450EE8 46.90
18.50
9.10
14.50
1 3/4 X 5 1/4
930 400C931M400BA8 124.00 52.50
4.30
6.60
2 X 2 1/4
2400 400C242M450EF8 42.20
16.90
10.20
16.20
1 3/4 X 5 3/4
1000 400C102M400AJ8 99.00
34.70
4.60
7.70
1 3/8 X 3 3/4
2400 400C242M450BD8 44.40
18.80
9.50
14.70
2 X 4 3/4
1000 400C102M400EH8 104.00 39.60
4.60
7.50
1 3/4 X 2 3/4
2800 400C282M450BE8 37.90
16.40
10.70
16.30
2 X 5 1/4
1200 400C122M400AC8 83.60
29.70
5.20
8.80
1 3/8 X 4 1/4
3100 400C312M450BF8 34.30
15.00
11.60
17.60
2 X 5 3/4
1300 400C132M400EB8 79.50
30.70
5.70
9.20
1 3/4 X 3 1/4
500 Vdc (550 Vdc Surge)
1300 400C132M400BH8 89.30
37.20
5.50
8.50
2 X 2 3/4
170 400C171M500AK8 403.00 147.00
1.70
2.80
1 3/8 X 1 3/4
1400 400C142M400AD8 72.60
26.10
5.80
9.80
1 3/8 X 4 3/4
260 400C261M500AA8 269.00 98.60
2.40
3.90
1 3/8 X 2 1/4
1600 400C162M400AE8 64.30
23.40
6.50
10.80
1 3/8 X 5 1/4
380 400C381M500AH8 187.00 68.90
2.90
4.80
1 3/8 X 2 3/4
1600 400C162M400EJ8 64.70
25.20
6.60
10.50
1 3/4 X 3 3/4
400 400C401M500EA8 241.00 137.00
3.30
5.30
1 3/4 X 2 1/4
1700 400C172M400BB8 68.60
28.90
6.60
10.20
2 X 3 1/4
490 400C491M500AB8 144.00 53.20
3.60
5.90
1 3/8 X 3 1/4
1800 400C182M400AF8 57.80
21.40
7.20
11.90
1 3/8 X 5 3/4
510 400C511M500BA8 192.00 116.00
3.90
6.10
2 X 2 1/4
2000 400C202M400EC8 57.00
22.40
7.40
11.80
1 3/4 X 4 1/4
580 400C581M500EH8 167.00 95.80
4.20
6.80
1 3/4 X 2 3/4
2100 400C212M400BJ8 55.90
23.80
8.20
12.60
2 X 3 3/4
610 400C611M500AJ8 117.00 43.60
4.20
6.90
1 3/8 X 3 3/4
2300 400C232M400ED8 49.50
19.70
8.40
13.20
1 3/4 X 4 3/4
710 400C711M500BH8 133.00 80.80
5.10
7.80
2 X 2 3/4
2400 400C242M400BC8 48.20
20.30
8.90
13.70
2 X 4 1/4
720 400C721M500AC8 133.00 77.50
4.80
7.80
1 3/8 X 4 1/4
2600 400C262M400EE8 43.90
17.70
9.40
14.80
1 3/4 X 5 1/4
760 400C761M500EB8 129.00 74.00
5.20
8.30
1 3/4 X 3 1/4
2800 400C282M400BD8 41.60
18.00
9.90
15.00
2 X 4 3/4
800 400C801M500AD8 85.80
32.60
5.40
8.70
1 3/8 X 4 3/4


Similar Part No. - 400C102M250AA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400C102M250AA8 ETC2-400C102M250AA8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C102M250AA8 CDE-400C102M250AA8 Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 400C102M250AA8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com