Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

400C712M200EE8 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part No. 400C712M200EE8
Description  Very Long Life Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

400C712M200EE8 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  400C712M200EE8 Datasheet HTML 1Page - Cornell Dubilier Electronics 400C712M200EE8 Datasheet HTML 2Page - Cornell Dubilier Electronics 400C712M200EE8 Datasheet HTML 3Page - Cornell Dubilier Electronics 400C712M200EE8 Datasheet HTML 4Page - Cornell Dubilier Electronics 400C712M200EE8 Datasheet HTML 5Page - Cornell Dubilier Electronics 400C712M200EE8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ratings
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ) (mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
920 400C921M200AK8 126.00 71.30
3.40
4.50
1 3/8 X 1 3/4
3900 400C392M250EC8 29.40
18.10
10.90
13.90
1 3/4 X 4 1/4
1400 400C142M200AA8 84.50 48.20
4.70
6.30
1 3/8 X 2 1/4
4200 400C422M250BJ8 28.00
18.40
11.80
14.50
2 X 3 3/4
2000 400C202M200EA8 61.70 39.30
6.10
7.60
1 3/4 X 2 1/4
4600 400C462M250ED8 25.70
16.00
12.30
15.60
1 3/4 X 4 3/4
2000 400C202M200AH8 59.30 34.20
5.80
7.70
1 3/8 X 2 3/4
4900 400C492M250BC8 23.90
15.90
12.80
15.70
2 X 4 1/4
2600 400C262M200AB8 46.10 26.80
7.10
9.30
1 3/8 X 3 1/4
5100 400C512M250EE8 23.00
14.50
13.80
17.40
1 3/4 X 5 1/4
2600 400C262M200BA8 51.80 35.90
6.80
8.20
2 X 2 1/4
5700 400C572M250BD8 21.10
14.10
14.10
17.20
2 X 4 3/4
2800 400C282M200EH8 44.10 27.90
7.70
9.70
1 3/4 X 2 3/4
5800 400C582M250EF8 21.00
13.30
15.40
19.40
1 3/4 X 5 3/4
3200 400C322M200AJ8 38.00 22.40
8.20
10.70
1 3/8 X 3 3/4
6800 400C682M250BE8 18.40
12.50
15.60
19.00
2 X 5 1/4
3500 400C352M200BH8 36.70 25.10
8.70
10.50
2 X 2 3/4
7500 400C752M250BF8 16.80
11.50
16.90
20.40
2 X 5 3/4
3700 400C372M200EB8 34.20 21.80
9.50
11.90
1 3/4 X 3 1/4
300 Vdc (350 Vdc Surge)
3800 400C382M200AC8 32.50 19.50
9.40
12.10
1 3/8 X 4 1/4
490 400C491M300AK8 240.00 118.00
2.20
3.10
1 3/8 X 1 3/4
4200 400C422M200AD8 29.80 17.80 10.20
13.20
1 3/8 X 4 3/4
740 400C741M300AA8 161.00 79.40
3.10
4.40
1 3/8 X 2 1/4
4500 400C452M200EJ8 28.10 18.10 10.80
13.50
1 3/4 X 3 3/4
1000 400C102M300AH8 112.00 55.80
3.80
5.40
1 3/8 X 2 3/4
4700 400C472M200BB8 28.50 19.60 10.40
12.50
2 X 3 1/4
1200 400C122M300EA8 102.00 51.50
4.40
6.20
1 3/4 X 2 1/4
4800 400C482M200AE8 26.80 16.30 11.30
14.50
1 3/8 X 5 1/4
1400 400C142M300AB8 86.20
43.40
4.70
6.60
1 3/8 X 3 1/4
5300 400C532M200AF8 24.50 15.10 12.40
15.80
1 3/8 X 5 3/4
1500 400C152M300BA8 92.10
47.20
5.00
7.00
2 X 2 1/4
5400 400C542M200EC8 24.10 15.60 12.10
15.00
1 3/4 X 4 1/4
1700 400C172M300EH8 75.00
36.90
5.50
7.80
1 3/4 X 2 3/4
5700 400C572M200BJ8 23.50 16.30 12.80
15.40
2 X 3 3/4
1700 400C172M300AJ8 70.30
35.90
5.40
7.60
1 3/8 X 3 3/4
6300 400C632M200ED8 21.20 13.90 13.60
16.80
1 3/4 X 4 3/4
2000 400C202M300AC8 59.60
30.80
6.20
8.60
1 3/8 X 4 1/4
6800 400C682M200BC8 20.10 14.10 14.00
16.70
2 X 4 1/4
2100 400C212M300BH8 66.10
33.30
6.40
9.00
2 X 2 3/4
7100 400C712M200EE8 19.00 12.60 15.20
18.60
1 3/4 X 5 1/4
2200 400C222M300EB8 57.70
28.70
6.70
9.50
1 3/4 X 3 1/4
7800 400C782M200BD8 17.80 12.50 15.30
18.30
2 X 4 3/4
2400 400C242M300AD8 51.90
27.30
6.90
9.50
1 3/8 X 4 3/4
8000 400C802M200EF8 17.40 11.70 17.00
20.70
1 3/4 X 5 3/4
2700 400C272M300AE8 46.10
24.60
7.70
10.50
1 3/8 X 5 1/4
9300 400C932M200BE8 15.60 11.20 16.90
20.00
2 X 5 1/4
2700 400C272M300EJ8 47.10
23.70
7.70
10.80
1 3/4 X 3 3/4
10000 400C103M200BF8 14.30 10.40 18.30
21.50
2 X 5 3/4
2800 400C282M300BB8 50.90
25.90
7.70
10.70
2 X 3 1/4
250 Vdc (300 Vdc Surge)
3000 400C302M300AF8 41.60
22.60
8.50
11.60
1 3/8 X 5 3/4
670 400C671M250AK8 160.00 87.20
3.00
4.10
1 3/8 X 1 3/4
3200 400C322M300EC8 41.60
21.20
8.60
12.10
1 3/4 X 4 1/4
1000 400C102M250AH8 75.10 41.50
5.20
7.00
1 3/8 X 2 3/4
3400 400C342M300BJ8 41.60
21.40
9.50
13.20
2 X 3 3/4
1000 400C102M250AA8 107.00 58.80
4.20
5.70
1 3/8 X 2 1/4
3800 400C382M300ED8 36.20
18.70
9.80
13.60
1 3/4 X 4 3/4
1500 400C152M250EA8 75.70 45.90
5.50
7.10
1 3/4 X 2 1/4
4100 400C412M300BC8 35.90
18.40
10.30
14.30
2 X 4 1/4
1900 400C192M250AB8 58.20 32.50
6.30
8.50
1 3/8 X 3 1/4
4200 400C422M300EE8 32.20
16.90
11.00
15.20
1 3/4 X 5 1/4
1900 400C192M250BA8 61.90 40.50
6.20
7.70
2 X 2 1/4
4700 400C472M300BD8 31.10
16.30
11.40
15.70
2 X 4 3/4
2000 400C202M250EH8 54.30 32.60
7.00
9.00
1 3/4 X 2 3/4
4800 400C482M300EF8 29.10
15.50
12.30
16.90
1 3/4 X 5 3/4
2300 400C232M250AJ8 47.80 26.90
7.30
9.80
1 3/8 X 3 3/4
5600 400C562M300BE8 26.70
14.40
12.70
17.30
2 X 5 1/4
2500 400C252M250BH8 44.10 28.50
7.90
9.90
2 X 2 3/4
6200 400C622M300BF8 24.30
13.20
13.80
18.70
2 X 5 3/4
2700 400C272M250EB8 42.00 25.40
8.50
11.00
1 3/4 X 3 1/4
350 Vdc (400 Vdc Surge)
2700 400C272M250AC8 40.80 23.30
8.40
11.10
1 3/8 X 4 1/4
360 400C361M350AK8 295.00 138.00
2.00
2.90
1 3/8 X 1 3/4
3000 400C302M250AD8 37.30 21.30
9.20
12.10
1 3/8 X 4 3/4
540 400C541M350AA8 197.00 92.90
2.80
4.00
1 3/8 X 2 1/4
3300 400C332M250EJ8 34.50 21.00
9.70
12.50
1 3/4 X 3 3/4
800 400C801M350AH8 137.00 65.10
3.40
5.00
1 3/8 X 2 3/4
3400 400C342M250BB8 34.10 22.20
9.50
11.80
2 X 3 1/4
920 400C921M350EA8 123.00 58.20
4.00
5.80
1 3/4 X 2 1/4
3500 400C352M250AE8 33.40 19.30 10.10
13.30
1 3/8 X 5 1/4
1000 400C102M350AB8 105.00 50.60
4.20
6.10
1 3/8 X 3 1/4
3800 400C382M250AF8 30.40 17.90 11.20
14.60
1 3/8 X 5 3/4
1100 400C112M350BA8 109.00 52.40
4.60
6.60
2 X 2 1/4
Additional Low Voltages available at http://www.cde.com/catalogs/400C.pdf
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 400C 95 °C Long Life, Plug-in, Radial Leaded Aluminum
Very Long Life Board-Mount Type
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93
107.95
12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93
120.65
12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93
133.35
12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93
146.05
12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45
107.95
17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45
120.65
17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45
133.35
17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45
146.05
17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80
107.95
20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80
120.65
20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80
133.25
20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80
146.05
20.32
10.80
10.16
25.40


Similar Part No. - 400C712M200EE8

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
400C712M200EE8 ETC2-400C712M200EE8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
Cornell Dubilier Electronics
Cornell Dubilier Electr...
400C712M200EE8 CDE-400C712M200EE8 Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 400C712M200EE8

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
EPCOS
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
HB Electronic Components
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
DB Lectro Inc
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
Nichicon corporation
Nichicon corporation
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz