Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CMC731M500AJ8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 4CMC731M500AJ8
Description  Rugged Value, High-Capacitance 85 째C Board-Mount Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

4CMC731M500AJ8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  4CMC731M500AJ8 Datasheet HTML 1Page - Cornell Dubilier Electronics 4CMC731M500AJ8 Datasheet HTML 2Page - Cornell Dubilier Electronics 4CMC731M500AJ8 Datasheet HTML 3Page - Cornell Dubilier Electronics 4CMC731M500AJ8 Datasheet HTML 4Page - Cornell Dubilier Electronics 4CMC731M500AJ8 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 4CMC 85 ºC, High Cap, Plug-in, Radial Leaded Aluminum
Rugged Value, High-Capacitance 85 °C Board-Mount Type
Type 4CMC is the PC-mount version of the high-capacitance Type
DCMC screw-terminal capacitor and has about 50% more capacitance
per can size through 250 V.  It’s for bus fltering applications where
more capacitance or smaller can size is important like welders and
energy storage.  It delivers higher capacitance than the largest snap-
ins and Its heavy gauge can, molded high purity top and 14-gauge
reverse proof  3 copper pins provide better performance.
Highlights
- Much better value than large snap-in capacitor
- Ripple Currents to > 50 amps at 55 °C
- 3-leads for reverse proof, strong mounting
- Printed-circuit mounting version of DCMC
- Thermal-Pak™ extended cathode construction
Specifcations
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
16 Vdc to 500 Vdc
Capacitance Range
210 µF to 420,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤6 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
2000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
DC Life Test
3000 h at rated voltage, 85 °C
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
50 Hz
60 Hz 120 Hz
360 Hz
1 kHz 5 kHz
10 kHz
& Up
16 to 50 V
0.80
0.85
1.00
1.05
1.08
1.08
1.08
63 to 250 V
0.80
0.83
1.00
1.15
1.20
1.20
1.20
300 to 500 V
0.78
0.80
1.00
1.30
1.40
1.40
1.40
45 °C
55 °C
65 °C
75 °C
85 ºC
2.00
2.00
1.73
1.41
1.00
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 4CMC731M500AJ8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4CMC731M500AJ8 ETC2-4CMC731M500AJ8 Datasheet
484Kb / 7P
   High-Cap, Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
4CMC731M500AJ8 CDE-4CMC731M500AJ8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 4CMC731M500AJ8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
420C CDE-420C_13 Datasheet
144Kb / 6P
   Best Value, High Ripple, Board-Mount Type
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
192Kb / 7P
   85 째C Long Life Screw Terminal Type
3188 CDE-3188_17 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com