Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84134301H Datasheet(PDF) 4 Page - Crydom Inc.,

Part # 84134301H
Description  AC Output SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

84134301H Datasheet(HTML) 4 Page - Crydom Inc.,

  84134301H Datasheet HTML 1Page - Crydom Inc., 84134301H Datasheet HTML 2Page - Crydom Inc., 84134301H Datasheet HTML 3Page - Crydom Inc., 84134301H Datasheet HTML 4Page - Crydom Inc., 84134301H Datasheet HTML 5Page - Crydom Inc., 84134301H Datasheet HTML 6Page - Crydom Inc., 84134301H Datasheet HTML 7Page - Crydom Inc., 84134301H Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
MECHANICAL SPECIFICATIONS (1)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Screw Termination, IP00
Mounting
Hole/Slot
0.19 [4.9]
DIA.
2.25
[57.3]
1.88
[47.6]
1.7
[43.2]
2.32
[58.8]
1.0
[25.4]
1.75
[44.5]
1.22
[30.9]
Screw Termination, IP20
1.10
[27.9]
0.49
[12.4]
THERMAL DERATE INFORMATION
0
5
10
15
20
25
20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient Temperature (ºC)
25 A
1°C/W
1.5°C/W
2°C/W
3°C/W
0
10
20
30
40
50
20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient Temperature (ºC)
50 A
0.5°C/W
0.7°C/W
1°C/W
1.5°C/W
2°C/W
0
2
4
6
8
10
20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient Temperature (ºC)
10 A
3°C/W
5°C/W
80
100
120
60
40
20
0
Ambient Temperature (ºC)
125 A
20 25 30 35 40 45 50 55 60 65 70 75 80
0.4°C/W
0.5°C/W
0.7°C/W
1°C/W
0
15
30
45
60
75
20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient Temperature (ºC)
75 A
0.5°C/W
0.7°C/W
1°C/W
1.5°C/W
0
10
20
30
40
50
60
70
80
90
100
20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient Temperature (ºC)
100 A
0.4°C/W
0.5°C/W
0.7°C/W
1°C/W


Similar Part No. - 84134301H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84134301 ETC2-84134301 Datasheet
2Mb / 50P
   SIMM Series Input Modules
More results

Similar Description - 84134301H

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AN-145DE IXYS-AN-145DE Datasheet
413Kb / 13P
   Vorteile von Halbleiterrelais (SSRs)
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
HS259DR CRYDOM-HS259DR Datasheet
426Kb / 3P
   Suitable for NOVA22 Panel Mount SSRs
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
   Compact SSRs Ideal for Built-in Applications
logo
Crydom Inc.,
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
   AC Output Modules
logo
Crydom Inc.,
HSP-7 CRYDOM-HSP-7 Datasheet
479Kb / 4P
   Thermal Pad suitable for NOVA22 Panel Mount SSRs
HK8 CRYDOM-HK8 Datasheet
443Kb / 3P
   Hardware Kit suitable for NOVA22 Panel Mount SSRs
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
   Single-Output AC-DC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com