Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400C372M400BF8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 400C372M400BF8
Description  Very Long Life Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

400C372M400BF8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  400C372M400BF8 Datasheet HTML 1Page - Cornell Dubilier Electronics 400C372M400BF8 Datasheet HTML 2Page - Cornell Dubilier Electronics 400C372M400BF8 Datasheet HTML 3Page - Cornell Dubilier Electronics 400C372M400BF8 Datasheet HTML 4Page - Cornell Dubilier Electronics 400C372M400BF8 Datasheet HTML 5Page - Cornell Dubilier Electronics 400C372M400BF8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
50 Hz
60 Hz
120 Hz 360 Hz 1 kHz
5 kHz
& up
100 to 160 V
0.80
0.85
1.00
1.05
1.08
1.08
200 to 350 V
0.80
0.83
1.00
1.15
1.20
1.20
400 to 500 V
0.78
0.80
1.00
1.30
1.40
1.40
Type 400C 95 °C Long Life, Plug-in, Radial Leaded Aluminum
Very Long Life Board-Mount Type
The Type 400C is the PC-mount equivalent for Type 500C
screw-terminal long life grade capacitor. It’s for bus filtering
applications where long life is critical like telecom systems
and industrial power supplies. Type 400C delivers 2 to 3 times
the life of Type 4CMC, and above 250 V it has nearly the same
capacitance. Its extended cathode foil assures cool operation
with heatflow from the capacitor element to the can in all
mounting orientations.
Highlights
- More than 10 years life in most applications
- Ripple Currents to > 50 amps at 55 °C
- 3-leads
- Printed-circuit mounting
- Thermal-Pak™ extended cathode construction
Specifications
Temperature Range
–40 °C to +95 °C
Rated Voltage Range
100 Vdc to 500 Vdc
Capacitance Range
170 µF to 29,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 4 (100 Vdc)
≤ 3 (150–500 Vdc)
Endurance Life Test
3000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 95 °C
∆ Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
2.00
1.82
1.59
1.33
1.00
0.48
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 400C372M400BF8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400C372M400BF8 ETC2-400C372M400BF8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C372M400BF8 CDE-400C372M400BF8 Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 400C372M400BF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
Nichicon corporation
UUL NICHICON-UUL Datasheet
788Kb / 2P
   Chip Type, Long Life Assurance
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PLV NICHICON-PLV Datasheet
957Kb / 2P
   Radial Lead Type, Long Life Assurance
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
   TACT Switch Long Operating life Type
logo
Nichicon corporation
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
   Radial Lead Type, Long Life Assurance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com