Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMRA6035E Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CMRA6035E
Description  DIN Rail Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMRA6035E Datasheet(HTML) 1 Page - Crydom Inc.,

  CMRA6035E Datasheet HTML 1Page - Crydom Inc., CMRA6035E Datasheet HTML 2Page - Crydom Inc., CMRA6035E Datasheet HTML 3Page - Crydom Inc., CMRA6035E Datasheet HTML 4Page - Crydom Inc., CMRA6035E Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMR60 Series
Ratings from 35A to 65A @ 660 VAC
45mm (width) package
SCR output for heavy industrial loads
LED input status indicator
AC or DC control
Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
4-32 VDC
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
48-660
Transient Overvoltage [Vpk]
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2)
500
Maximum Load Current [Arms]
65
Minimum Load Current [Arms]
0.25
Maximum Surge Current (50/60Hz, 1 Cycle) [Apk]
1145/1200
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.7
Minimum Power Factor (with Maximum Load)
0.5
DataSheet
DIN Rail Mount
65A
35 A
45A
55A
CMRD6065
90-140 VAC
CMRA6065
CMRD6055
CMRD6045
CMRA6055
CMRA6045
CMRD6035
CMRA6035
18-36 VAC
CMRA6065E
CMRA6055E
CMRA6045E
CMRA6035E
48-660
1200
1.0
500
45
0.15
597/625
1.7
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.28
Maximum I² t for Fusing (50/60Hz, 1/2 cycle) [A² sec]
4555/4150
48-660
1200
1.0
500
55
0.25
954/1000
1.7
0.5
0.31
4555/4150
48-660
1200
1.0
500
35
0.15
239/250
1.7
0.5
1.02
285/259
0.63
1779/1621
0.5
Series
Operational Current
35: 35 Amps
45: 45 Amps
55: 55 Amps
65: 65 Amps
Overvoltage Protection
Blank: No Included
P: Included
Control Voltage
D: 4-32 VDC
A: 90-140 VAC
Operating Voltage
60: 48-660 VAC
CMR
A
60
35
Input Range
Blank: Standard Input
E: 18-36 VAC
Switching Mode
Blank: Zero Voltage Turn-on
-10: Random Turn-On
E
P
-10
Required for valid part number
For options only and not required for valid part number
55A
65A
35A
45A
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
FDE-07-01 REV. A


Similar Part No. - CMRA6035E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMRA6035E CRYDOM-CMRA6035E Datasheet
1Mb / 5P
   DIN Rail Mount
CMRA6035E CRYDOM-CMRA6035E Datasheet
127Kb / 3P
   Crydoms CMR Series
CMRA6035E CRYDOM-CMRA6035E Datasheet
656Kb / 5P
   DIN rail mount
CMRA6035E-10 CRYDOM-CMRA6035E-10 Datasheet
1Mb / 5P
   DIN Rail Mount
CMRA6035E-10 CRYDOM-CMRA6035E-10 Datasheet
127Kb / 3P
   Crydoms CMR Series
More results

Similar Description - CMRA6035E

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com