Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84134020H Datasheet(PDF) 3 Page - Crydom Inc.,

Part # 84134020H
Description  AC Output SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

84134020H Datasheet(HTML) 3 Page - Crydom Inc.,

  84134020H Datasheet HTML 1Page - Crydom Inc., 84134020H Datasheet HTML 2Page - Crydom Inc., 84134020H Datasheet HTML 3Page - Crydom Inc., 84134020H Datasheet HTML 4Page - Crydom Inc., 84134020H Datasheet HTML 5Page - Crydom Inc., 84134020H Datasheet HTML 6Page - Crydom Inc., 84134020H Datasheet HTML 7Page - Crydom Inc., 84134020H Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
WIRING DIAGRAM
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (9)
V
4 (– / )
3 (+ / )
1 ( )
2 ( )
AC
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Input Current vs Input Voltage
Standard Regulated DC Input
DC Input Voltage
Input Current vs Input Voltage
Standard Regulated AC Input
AC Input Voltage
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
GN Series DC Control
GN Series AC Control
AC
AC
2
1
AC
AC
Trigger
Circuit
Current
Limiter
3
4
AC/DC
Converter
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Input Current vs Input Voltage
Regulated AC Input Option E
AC Input Voltage


Similar Part No. - 84134020H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84134020 ETC2-84134020 Datasheet
2Mb / 50P
   SIMM Series Input Modules
More results

Similar Description - 84134020H

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AN-145DE IXYS-AN-145DE Datasheet
413Kb / 13P
   Vorteile von Halbleiterrelais (SSRs)
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
HS259DR CRYDOM-HS259DR Datasheet
426Kb / 3P
   Suitable for NOVA22 Panel Mount SSRs
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
   Compact SSRs Ideal for Built-in Applications
logo
Crydom Inc.,
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
   AC Output Modules
logo
Crydom Inc.,
HSP-7 CRYDOM-HSP-7 Datasheet
479Kb / 4P
   Thermal Pad suitable for NOVA22 Panel Mount SSRs
HK8 CRYDOM-HK8 Datasheet
443Kb / 3P
   Hardware Kit suitable for NOVA22 Panel Mount SSRs
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
   Single-Output AC-DC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com