Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420C103M200BF8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 420C103M200BF8
Description  Best Value, High Ripple, Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

420C103M200BF8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  420C103M200BF8 Datasheet HTML 1Page - Cornell Dubilier Electronics 420C103M200BF8 Datasheet HTML 2Page - Cornell Dubilier Electronics 420C103M200BF8 Datasheet HTML 3Page - Cornell Dubilier Electronics 420C103M200BF8 Datasheet HTML 4Page - Cornell Dubilier Electronics 420C103M200BF8 Datasheet HTML 5Page - Cornell Dubilier Electronics 420C103M200BF8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 420C is the PC-mount version of the Type 520C screw
terminal, computer grade capacitor and the 85 °C version of
the Type 450C Inverter Grade capacitor. It delivers the ripple
current capability and exceptional life needed for motor-drive
bus capacitors and approaches the performance of the 450C at
a lower cost. The extended cathode foil of the 420C assures cool
operation and heat flow from the capacitor element to the can in
all orientations.
Highlights
- For motor drives and UPS systems
- ESRs to 6.9 mΩ
- Printed-circuit mounting
- Thermal-Pak™ extended cathode construction
Specifications
Temperature Range
–40 °C to +85 °C
Rated Voltage Range
100 Vdc to 500 Vdc
Capacitance Range
160 µF to 27,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20 ⁰C ∕ Z+25 ⁰C
≤ 3 (100–500 Vdc)
Endurance Life Test
4000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 85 °C
∆ Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
1.80
1.63
1.45
1.25
1.00
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
50 Hz
60 Hz 120 Hz
360 Hz
1 kHz 5 kHz
10 kHz
1 3/8” & 1 3/4” Diameters
100 to 350 V
0.91
0.93
1.00
1.06
1.08
1.09
1.09
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.23
2” Diameters
100 to 350 V
0.92
0.94
1.00
1.05
1.07
1.08
1.08
400 to 500 V
0.82
0.86
1.00
1.14
1.20
1.23
1.27
Type 420C 85 °C Long Life, Inverter Grade, Plug-in, Aluminum
Best Value, High Ripple, Board-Mount Type


Similar Part No. - 420C103M200BF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C103M200BF8 CDE-420C103M200BF8 Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
More results

Similar Description - 420C103M200BF8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
logo
Kingston Technology Far...
DT70 KINGSTON-DT70 Datasheet
202Kb / 2P
   Best Value USB-C Flash Drive
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com