Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2450T Datasheet(PDF) 2 Page - Crydom Inc.,

Part # D2450T
Description  Panel Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D2450T Datasheet(HTML) 2 Page - Crydom Inc.,

  D2450T Datasheet HTML 1Page - Crydom Inc., D2450T Datasheet HTML 2Page - Crydom Inc., D2450T Datasheet HTML 3Page - Crydom Inc., D2450T Datasheet HTML 4Page - Crydom Inc., D2450T Datasheet HTML 5Page - Crydom Inc., D2450T Datasheet HTML 6Page - Crydom Inc., D2450T Datasheet HTML 7Page - Crydom Inc., D2450T Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GENERAL SPECIFICATIONS(5)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.64 oz (74.9 gr)
Housing Material
UL 94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range [in-lbs/Nm]
13-15 / 1.5-1.7
Load Terminal Screw Torque Range [in-lb/Nm]
18-20 / 2.0-2.2
SSR Mounting Screw Torque Range [in-lb/Nm]
18-20 / 2.0-2.2
LED Input Status Indicator
w/”G” option (green)
109 Ohm
MTBF (Mean Time Between Failures) at 40°C ambient temperature (12)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (12)
7,210,376 hours (823 years)
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (13)
V
4 (– / )
3 (+ / )
1 ( )
2 ( )
AC
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lbs)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
“T” Option - Low Voltage Output
25
15
20
10
5
0
0
5
10
15
20
25
30
DC Input Voltage
Diagram: D24xxT
Diagram: A24xxT, A24xxET
+DC
-DC
AC
Trigger
Circuit
AC
3
4
2
1
(14)
(15)
+DC
-DC
AC
Trigger
Circuit
AC
3
4
2
1
(14)
(15)
AC/DC
Converter
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
Input/Load Terminal Screw Torque Range [in-lb/Nm] (2)
w/”K” option 8-10 / 0.9-1.13
Humidity per IEC60068-2-78
93% non-condensing
30
Instantaneous
Turn On
Zero Turn On
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
Input/Output Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC


Similar Part No. - D2450T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2450 ETC1-D2450 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D2450 CRYDOM-D2450 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
D2450 CRYDOM-D2450 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2450 CRYDOM-D2450 Datasheet
822Kb / 6P
   panel mount
D2450 CRYDOM-D2450 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
More results

Similar Description - D2450T

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com