Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420C612M200ED8 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 420C612M200ED8
Description  Best Value, High Ripple, Board-Mount Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

420C612M200ED8 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  420C612M200ED8 Datasheet HTML 1Page - Cornell Dubilier Electronics 420C612M200ED8 Datasheet HTML 2Page - Cornell Dubilier Electronics 420C612M200ED8 Datasheet HTML 3Page - Cornell Dubilier Electronics 420C612M200ED8 Datasheet HTML 4Page - Cornell Dubilier Electronics 420C612M200ED8 Datasheet HTML 5Page - Cornell Dubilier Electronics 420C612M200ED8 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ratings
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal
Size
ESR Max.
25 ºC
Ripple Amps.
85 ºC
Nominal Size
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
Cap.
Catalog Part
120 Hz 20 kHz 120 Hz 20 kHz
D X L
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
(µF)
Number
(mΩ)
(mΩ)
(A)
(A)
(in)
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
900 420C901M200AK8 130.00 73.40
3.60
4.80
1 3/8 X 1 3/4
3500 420C352M250EC8 31.9
16.3
11.3
15.8
1 3/4 X 4 1/4
1300 420C132M200AA8 87.60
49.60
5.00
6.70
1 3/8 X 2 1/4
3700 420C372M250BJ8 30.1
16.9
12.2
16.3
2 X 3 3/4
2000 420C202M200EA8 63.50
40.20
6.50
8.10
1 3/4 X 2 1/4
4100 420C412M250ED8 27.9
14.5
12.7
17.6
1 3/4 X 4 3/4
2000 420C202M200AH8 61.40
35.10
6.20
8.20
1 3/8 X 2 3/4
4400 420C442M250BC8 25.7
14.6
13.3
17.6
2 X 4 1/4
2500 420C252M200AB8 47.70
27.60
7.50
9.90
1 3/8 X 3 1/4
4600 420C462M250EE8 24.9
13.2
14.2
19.6
1 3/4 X 5 1/4
2500 420C252M200BA8 53.20
36.50
7.20
8.70
2 X 2 1/4
5100 420C512M250BD8 22.7
13.0
14.6
19.3
2 X 4 3/4
2700 420C272M200EH8 45.50
28.50
8.20
10.30 1 3/4 X 2 3/4
5200 420C522M250EF8 22.6
12.2
16.0
21.8
1 3/4 X 5 3/4
3100 420C312M200AJ8 39.30
23.00
8.70
11.40 1 3/8 X 3 3/4
6000 420C602M250BE8 19.7
11.5
16.2
21.2
2 X 5 1/4
3400 420C342M200BH8 37.70
25.60
9.20
11.20
2 X 2 3/4
6700 420C672M250BF8 18.0
10.7
17.5
22.8
2 X 5 3/4
3600 420C362M200EB8 35.20
22.30
10.00
12.60 1 3/4 X 3 1/4
450 420C451M300AK8 262.00 126.00
2.30
3.30
1 3/8 X 1 3/4
3700 420C372M200AC8 33.60
20.00
9.90
12.90 1 3/8 X 4 1/4
680 420C681M300AA8 175.00 84.70
3.20
4.50
1 3/8 X 2 1/4
4100 420C412M200AD8 30.80
18.30
10.80
14.00 1 3/8 X 4 3/4
1000 420C102M300AH8 122.00 59.50
3.90
5.60
1 3/8 X 2 3/4
4400 420C442M200EJ8 29.00
18.50
11.40
14.30 1 3/4 X 3 3/4
1100 420C112M300EA8 111.00 54.10
4.50
6.50
1 3/4 X 2 1/4
4500 420C452M200BB8 29.30
20.00
11.00
13.40
2 X 3 1/4
1300 420C132M300AB8 93.70
46.20
4.80
6.80
1 3/8 X 3 1/4
4700 420C472M200AE8 27.70
16.70
12.00
15.40 1 3/8 X 5 1/4
1400 420C142M300BA8 98.90
49.30
5.20
7.40
2 X 2 1/4
5100 420C512M200AF8 25.30
15.50
13.20
16.80 1 3/8 X 5 3/4
1500 420C152M300AJ8 76.40
38.20
5.60
7.90
1 3/8 X 3 3/4
5300 420C532M200EC8 24.80
16.00
12.80
15.90 1 3/4 X 4 1/4
1500 420C152M300EH8 81.10
38.90
5.60
8.10
1 3/4 X 2 3/4
5600 420C562M200BJ8 24.10
16.60
13.60
16.40
2 X 3 3/4
1800 420C182M300AC8 64.70
32.70
6.40
9.00
1 3/8 X 4 1/4
6100 420C612M200ED8 21.80
14.20
14.40
17.80 1 3/4 X 4 3/4
1900 420C192M300BH8 71.00
34.80
6.60
9.40
2 X 2 3/4
6600 420C662M200BC8 20.60
14.30
14.80
17.80
2 X 4 1/4
2000 420C202M300EB8 62.40
30.20
6.90
10.00 1 3/4 X 3 1/4
6900 420C692M200EE8 19.60
12.90
16.10
19.80 1 3/4 X 5 1/4
2200 420C222M300AD8 56.30
28.90
7.10
10.00 1 3/8 X 4 3/4
7600 420C762M200BD8 18.20
12.70
16.30
19.50
2 X 4 3/4
2500 420C252M300AE8 49.90
26.10
7.90
11.00 1 3/8 X 5 1/4
7800 420C782M200EF8 17.90
11.90
18.00
22.00 1 3/4 X 5 3/4
2500 420C252M300EJ8 50.90
24.90
7.90
11.30 1 3/4 X 3 3/4
9100 420C912M200BE8 16.00
11.30
18.00
21.30
2 X 5 1/4
2600 420C262M300BB8 54.70
27.10
7.90
11.30
2 X 3 1/4
10000 420C103M200BF8 14.70
10.50
19.40
23.00
2 X 5 3/4
2700 420C272M300AF8 45.00
23.90
8.80
12.10 1 3/8 X 5 3/4
250 Vdc (300 Vdc Surge)
3000 420C302M300EC8 44.90
22.20
8.90
12.70 1 3/4 X 4 1/4
600 420C601M250AK8 176.00 75.90
3.10
4.70
1 3/8 X 1 3/4
3200 420C322M300BJ8 44.70
22.30
9.80
13.90
2 X 3 3/4
900 420C901M250AA8 118.00 51.30
4.30
6.60
1 3/8 X 2 1/4
3400 420C342M300ED8 39.00
19.60
10.10
14.30 1 3/4 X 4 3/4
1000 420C102M250AH8 82.60
36.30
5.30
8.00
1 3/8 X 2 3/4
3700 420C372M300BC8 38.50
19.20
10.70
15.10
2 X 4 1/4
1300 420C132M250EA8 82.30
41.20
5.70
8.00
1 3/4 X 2 1/4
3900 420C392M300EE8 34.70
17.70
11.40
15.90 1 3/4 X 5 1/4
1700 420C172M250AB8 63.80
28.40
6.50
9.80
1 3/8 X 3 1/4
4300 420C432M300BD8 33.30
17.00
11.80
16.60
2 X 4 3/4
1700 420C172M250BA8 66.60
37.20
6.40
8.60
2 X 2 1/4
4400 420C442M300EF8 31.30
16.20
12.80
17.80 1 3/4 X 5 3/4
1800 420C182M250EH8 59.10
29.20
7.20
10.20 1 3/4 X 2 3/4
5100 420C512M300BE8 28.60
14.90
13.20
18.30
2 X 5 1/4
2000 420C202M250AJ8 52.40
23.70
7.50
11.20 1 3/8 X 3 3/4
5700 420C572M300BF8 26.00
13.80
14.40
19.70
2 X 5 3/4
2300 420C232M250BH8 47.50
26.10
8.20
11.10
2 X 2 3/4
350 Vdc (400 Vdc Surge)
2400 420C242M250EB8 45.70
22.80
8.80
12.40 1 3/4 X 3 1/4
350 420C351M350AK8 301.00 141.00
2.10
3.10
1 3/8 X 1 3/4
2400 420C242M250AC8 44.60
20.60
8.60
12.70 1 3/8 X 4 1/4
520 420C521M350AA8 201.00 94.40
3.00
4.30
1 3/8 X 2 1/4
2700 420C272M250AD8 40.80
18.80
9.40
13.80 1 3/8 X 4 3/4
700 420C701M350AH8 140.00 66.20
3.60
5.30
1 3/8 X 2 3/4
2900 420C292M250EJ8 37.40
18.90
10.00
14.10 1 3/4 X 3 3/4
880 420C881M350EA8 126.00 58.90
4.20
6.20
1 3/4 X 2 1/4
3000 420C302M250BB8 36.70
20.40
9.80
13.20
2 X 3 1/4
980 420C981M350AB8 107.00 51.40
4.50
6.50
1 3/8 X 3 1/4
3100 420C312M250AE8 36.50
17.20
10.40
15.20 1 3/8 X 5 1/4
1100 420C112M350BA8 111.00 53.00
4.90
7.10
2 X 2 1/4
3400 420C342M250AF8 33.2
15.9
11.5
16.6
1 3/8 X 5 3/4
1200 420C122M350EH8 92.20
42.50
5.30
7.80
1 3/4 X 2 3/4
Type 420C 85 °C Long Life, Inverter Grade, Plug-in, Aluminum
Best Value, High Ripple, Board-Mount Type
Additional Low Voltages Available at http://www.cde.com/catalogs/420C.pdf


Similar Part No. - 420C612M200ED8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C612M200ED8 CDE-420C612M200ED8 Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
More results

Similar Description - 420C612M200ED8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
4CMC CDE-4CMC Datasheet
514Kb / 5P
   Rugged Value, High-Capacitance 85 째C Board-Mount Type
logo
Kingston Technology Far...
DT70 KINGSTON-DT70 Datasheet
202Kb / 2P
   Best Value USB-C Flash Drive
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com