Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6637 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6637
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6637 Datasheet(HTML) 2 Page - International Rectifier

  IRF6637 Datasheet HTML 1Page - International Rectifier IRF6637 Datasheet HTML 2Page - International Rectifier IRF6637 Datasheet HTML 3Page - International Rectifier IRF6637 Datasheet HTML 4Page - International Rectifier IRF6637 Datasheet HTML 5Page - International Rectifier IRF6637 Datasheet HTML 6Page - International Rectifier IRF6637 Datasheet HTML 7Page - International Rectifier IRF6637 Datasheet HTML 8Page - International Rectifier IRF6637 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6637
2
www.irf.com
 Pulse width ≤ 400µs; duty cycle ≤ 2%.
‚ Repetitive rating; pulse width limited by max. junction temperature.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
26
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.7
7.7
m
–––
8.2
10.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
38
–––
–––
S
Qg
Total Gate Charge
–––
11
17
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.0
6.0
Qgodr
Gate Charge Overdrive
–––
2.9
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.0
–––
Qoss
Output Charge
–––
9.9
–––
nC
RG
Gate Resistance
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
15
–––
td(off)
Turn-Off Delay Time
–––
14
–––
ns
tf
Fall Time
–––
3.8
–––
Ciss
Input Capacitance
–––
1330
–––
Coss
Output Capacitance
–––
430
–––
pF
Crss
Reverse Transfer Capacitance
–––
150
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.9
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
110
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
13
20
ns
Qrr
Reverse Recovery Charge
–––
20
30
nC
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 11A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 16V, VGS = 4.5V
c
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 14A
c
VGS = 4.5V, ID = 11A
c
VDS = VGS, ID = 250µA
TJ = 25°C, IF = 11A
di/dt = 500A/µs
c
TJ = 25°C, IS = 11A, VGS = 0V
c
showing the
integral reverse
p-n junction diode.
VGS = 4.5V
ID = 11A
VGS = 0V
VDS = 15V
ID = 11A


Similar Part No. - IRF6637

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6637PBF IRF-IRF6637PBF Datasheet
270Kb / 10P
   DirectFETPower MOSFET
IRF6637PBF IRF-IRF6637PBF Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6637TRPBF IRF-IRF6637TRPBF Datasheet
270Kb / 10P
   DirectFETPower MOSFET
IRF6637TRPBF IRF-IRF6637TRPBF Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
More results

Similar Description - IRF6637

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
   DirectFETPower MOSFET
IRF6725MPBF IRF-IRF6725MPBF_09 Datasheet
263Kb / 9P
   DirectFETPower MOSFET
IRF6717MPBF IRF-IRF6717MPBF Datasheet
250Kb / 9P
   DirectFETPower MOSFET
IRF6727MTRPBF IRF-IRF6727MTRPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6720S2TR1PBF IRF-IRF6720S2TR1PBF_09 Datasheet
279Kb / 10P
   DirectFETPower MOSFET
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
IRF6721SPBF IRF-IRF6721SPBF Datasheet
274Kb / 9P
   DirectFETPower MOSFET
IRF6715MPBF IRF-IRF6715MPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com