Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS94229YF-T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS94229YF-T
Description  Programmable System Clock Chip for AMD - K7 processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94229YF-T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS94229YF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS94229YF-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS94229
Advance Information
Third party brands and names are the property of their respective owners.
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
5
2
,
3
2
,
5
1
,
1D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
P
,
9
1
,
2
1
,
8
,
2
3
4
,
7
3
,
9
2
D
N
GR
W
Pd
n
u
o
r
G
31
XN
I
2
X
m
o
r
f
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
42
XT
U
O)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
58
4
D
D
V
AR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
P
6
2
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
7
3
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
8
4
_
4
2T
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
r
o
4
2
9
N
E
D
WN
I
.
z
H
M
0
0
1
s
i
y
c
n
e
u
q
e
r
f
e
f
a
s
t
l
u
a
f
e
D
.
t
i
u
c
r
i
c
g
o
d
h
c
t
a
w
f
o
e
l
b
a
n
e
e
r
a
w
d
r
a
H
F
_
K
L
C
I
C
PT
U
O
.
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
r
o
f
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
0
1
#
8
4
_
4
2
L
E
S
2
,
1
N
It
u
p
t
u
o
7
n
i
p
r
o
f
z
H
M
8
4
r
o
4
2
t
c
e
l
e
s
o
t
t
u
p
n
i
c
i
g
o
L
0
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
k
c
o
l
c
I
C
P
,
7
1
,
8
1
,
0
2
,
1
2
1
1
,
3
1
,
4
1
,
6
1
)
1
:
8
(
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
2
2E
_
9
K
L
C
I
C
PT
U
O
.
#
P
O
T
S
_
I
C
P
y
b
d
e
p
p
o
t
s
e
b
n
a
C
.
s
n
2
y
b
s
k
c
o
l
c
I
C
P
l
a
r
e
n
e
g
s
d
a
e
L
.
k
c
o
l
c
I
C
P
y
l
r
a
E
4
2#
T
E
S
E
R
S
1
T
U
O
.
w
o
l
e
v
i
t
c
a
s
i
l
a
n
g
i
s
s
i
h
T
.
t
u
o
e
m
i
t
r
e
m
t
g
o
d
h
c
t
a
w
r
o
f
l
a
n
g
i
s
t
e
s
e
r
m
e
t
s
y
s
e
m
i
t
l
a
e
R
6
2
,
7
2
,
8
2)
0
:
2
(
P
G
AT
U
Os
t
u
p
t
u
o
k
c
o
l
c
P
G
A
0
3K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
1
3A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
2
3D
N
G
AR
W
Pd
n
u
o
r
g
g
o
l
a
n
A
3
3D
D
V
AR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
P
4
3#
D
PN
I
r
e
w
o
p
w
o
l
a
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
5
3#
P
O
T
S
_
I
C
PN
I
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
F
_
K
L
C
I
C
P
e
h
t
s
e
d
i
s
e
b
s
K
L
C
I
C
P
l
l
a
s
p
o
t
S
6
3#
P
O
T
S
_
U
P
C
2
,
1
N
I
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
S
C
_
C
K
L
C
U
C
&
C
K
L
C
U
P
C
,
T
K
L
C
U
P
C
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
8
30
C
S
C
_
K
L
C
U
P
CT
U
O
n
a
d
e
e
n
s
t
u
p
t
u
o
l
l
u
p
-
h
s
u
p
e
s
e
h
T
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
)
l
l
u
p
-
h
s
u
p
(
p
u
-
l
l
u
p
V
5
.
1
l
a
n
r
e
t
x
e
9
30
T
S
C
_
K
L
C
U
P
CT
U
O
V
5
.
1
l
a
n
r
e
t
x
e
n
a
d
e
e
n
s
t
u
p
t
u
o
l
l
u
p
-
h
s
u
p
e
s
e
h
T
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
c
"
e
u
r
T
"
.
)
l
l
u
p
-
h
s
u
p
(
p
u
-
l
l
u
p
0
4L
D
D
VR
W
PV
5
.
2
l
a
n
i
m
o
n
,
s
K
L
C
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
P
2
40
T
K
L
C
U
P
CT
U
O
V
5
.
1
l
a
n
r
e
t
x
e
n
a
d
e
e
n
s
t
u
p
t
u
o
n
i
a
r
d
n
e
p
o
e
s
e
h
T
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
c
"
e
u
r
T
"
.
)
n
i
a
r
d
n
e
p
o
(
p
u
-
l
l
u
p
1
40
C
K
L
C
U
P
CT
U
O
n
a
d
e
e
n
s
t
u
p
t
u
o
n
i
a
r
d
n
e
p
o
e
s
e
h
T
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
)
n
i
a
r
d
n
e
p
o
(
p
u
-
l
l
u
p
V
5
.
1
l
a
n
r
e
t
x
e
4
4#
P
O
T
S
_
P
G
AN
Iw
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
P
G
A
l
l
a
s
p
o
t
S
5
4
O
I
T
A
RT
U
Oe
g
d
i
r
B
h
t
u
o
S
e
h
t
o
t
z
H
M
3
3
1
r
o
f
"
1
"
r
o
z
H
M
0
0
1
r
o
f
"
0
"
a
s
t
u
p
t
u
O
6
4F
_
F
E
RT
U
O#
P
O
T
S
_
F
E
R
y
b
d
e
t
c
e
t
f
f
a
t
o
n
,
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
g
n
i
n
n
u
r
e
e
r
f
z
H
M
8
1
3
.
4
1
7
4
1
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
1
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
8
4
0
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1


Similar Part No. - ICS94229YF-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
   Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
   AMD-K7TM System Clock Chip
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94228YFLF-T ICST-ICS94228YFLF-T Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
More results

Similar Description - ICS94229YF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
   Programmable System Clock Chip for AMD - K7??Processor
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
   PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com