Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HV7161SPA2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7161SPA2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 6 -
2005 MagnaChip Semiconductor Ltd.
Pin Diagram (CLCC 48LD)
48
47
6
5
4
7
3
2
1
8
9
10
11
14
15
C[5]
C[4]
17
18
41
40
39
38
37
36
12
13
21
22
23
24
GND:G
VDD:PH
MCLK
28
29
30
31
32
C[7]
C[6]
VDD:P
GND:G
VCLK
HSYNC
VSYNC
CLCC 48 PIN
Top View
16
GND:G
VDD:P
VDD:P
GND:G
C[3]
C[2]
C[1]
C[0]
1.3 Mega Pixel CIS
25
26
27
Pin Description (CLCC 48LD)
C[7:0] should be set up as pull-up or pull-down when 8bit output mode is used.
Pin
Type
Symbol
Description
47-48, 1-6
B
Y[7:0]
Video luminance data
7
G
DGNDI
Digital ground for I/O driver
8
P
DVDDI
1.8V digital power for I/O driver
9
P
DVDDC
1.8V power for internal digital block
10
G
DGNDC
Ground for internal digital block
11-18
O
C[7:0]
Video chrominance data
21
PH
DVDDIH
2.5V to 2.8V digital power for I/O driver
22
G
DGNDIH
Digital ground for I/O Driver
23
B
SDA
I2C standard data I/O port
24
I
SCK
I2C clock input
25
O
STROBE
Strobe signal output
26
I
RESETB
Sensor reset. Active low
27
I
ENB
Sensor sleep mode is controlled externally by this pin when


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn