Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HV7161SPA2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7161SPA2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 5 -
2005 MagnaChip Semiconductor Ltd.
Total power consumption : about 73mW
Pixel Array Structure
Block Diagram
Sensor
Core
PLL
Sensor
Timing
Generator
RGB
Processing
Output
Data
Format
SRAM
Measurement
Engine
(AE, AWB)
Y
Processing
C
Processing
Color
Space
Conversion
0
1
2
3
· · ·
· · ·
973
B G
B G
.
G R
G R
·
B G
B G
·
·
·
·
.
G R G R G R
2
B G B G B G
1
G R G R G R
G R
0
B G B G B G
B G
1297
Addressable Pixel Array
1298(H) X 974(V)
(Top view)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn