Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7161SPA2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # HV7161SPA2
Description  CMOS Image Sensor with Image Signal Processing
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HV7161SPA2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button HV7161SPA2 Datasheet HTML 42Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 43Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 44Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 45Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 46Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 47Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 48Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 49Page - List of Unclassifed Manufacturers HV7161SPA2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
HV7161SPA2
CMOS Image Sensor
Confidential
With Image Signal Processing
This document has a general product description and is subject to change without notice.
MagnaChip Semiconductor Ltd. does not assume any responsibility for use of circuits described
and no patent licenses are implied.
- 46 -
2005 MagnaChip Semiconductor Ltd.
Anti-Banding Mode
When Anti-Banding is enabled, AE initializes Integration Time registers[73h-
75h]
to
2
x
Anti-Banding
Step
value[7ah-7ch],
and
integration
increment/decrement amount is set to Anti-Banding Step value in order to
remove banding noise caused by intrinsic energy waveform of light sources.
Banding noise is inherent in CMOS image sensor that adopts rolling shutter
scheme for image acquisition. In this mode, AE operates with very large unit,
typically a reciprocal of (2 x power line frequency), so that minute integration
time tuning is not liable. Therefore, this mode is recommended for only
indoor use.
Anti-Banding Min. Break
When AE is still of out lock state despite that AE preamp analog gain update
value exceeds preamp minimum gain value(18h) and integration time(73h-
75h) is reached to AE Anti-Banding Step(7ah-7ch), integration time(73h-75h)
is broken to less than AE Anti-Banding Step(7ah-7ch).
AE Window Enable
AE window mode enables. With this bit set to high, window mode is
discarded and full image data is accounted for AE Y frame mean evaluation.
Time Speed
(fast)11 – 10 – 01 – 00(slow)
11
Gain-Only control mode. Only preamp gain is controlled to get
optimum exposure state.
10
Time-Only control mode. Only integration time is controlled to get
optimum exposure state.
01
Time-Gain control mode. Integration time and preamp gain are
controlled to get optimum exposure state.
AE Mode
00
AE function is disabled
AE Mode Control 2 [AEMODE2 : 71h : edh]
7
6
5
4
3
2
1
0
Gain Speed 1
Gain Speed 2
Time Fine
Tune
Gain Fine
Tune
Digital
Gain
Control
Analog
Gain
Control
1
1
1
0
1
1
0
1
Gain Speed1
This value means the speed of pre-amp. Gain changed when the
environment condition moves rapidly from low luminance to high luminance.
Gain Speed2
Gain update speed is specified as follows at the normal condition.
(fast)11 – 10 – 01 – 00(slow)
Time Fine Tune
Integration time fine tuning is performed when AE arrive around AE Fine
Tune Boundary to settle into AE lock state smoothly.
Gain Fine Tune
Amp gain fine tuning is performed when AE arrive around AE Fine Tune
Boundary to settle into AE lock state smoothly.


Similar Part No. - HV7161SPA2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
HV7100NG-G SUTEX-HV7100NG-G Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100NG-GM903 SUTEX-HV7100NG-GM903 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100 SUTEX-HV7100_13 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
logo
Hynix Semiconductor
HV7121B HYNIX-HV7121B Datasheet
446Kb / 30P
   CMOS IMAGE SENSOR With 8-bit ADC
More results

Similar Description - HV7161SPA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
   CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
   CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
logo
Sanyo Semicon Device
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
STMicroelectronics
IMSA110 STMICROELECTRONICS-IMSA110 Datasheet
354Kb / 26P
   IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com